Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF63 Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 72Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 73Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 74Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 75Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 76Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 77Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 78Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 79Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 76 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
7.6. Reference Design Performance
All the measurements visible on section 7.6 typical figures obtained under the following conditions, unless
otherwise noted:
•
Nominal VDD = 3.3 V
•
Tests performed at room temperature: 25°
C +/-3°
C
•
Center frequency 869 MHz or 915 MHz
•
{R, P, S} triplets are those calculated by the software described in section 3.2.8.
•
All register settings are default, except for those stated in the relevant sub-sections
•
Maximum Output Power programmed on Pout tests
•
All sensitivities are evaluated in Continuous mode, demodulating a PN15 sequence, BER=0.1%
•
FSK sensitivities measured at 25kbps, Fdev=+/-50 kHz
•
OOK sensitivities measured at 8kbps, with Fo=100 kHz. IF2 set to 100 kHz.
•
On all Adjacent Channel Rejection (ACR), Blocking and Spurious Response Frequency tests, the unwanted
signal is unmodulated.
•
Bill of Materials as shown in section 7.5.3. In particular, a SAW filter is used (see its performance on section
7.5.4)
•
The filter settings described on Table 37 and Table 38 were used for the measurements of section 7.6.5.
Table 37: FSK Rx Filters vs. Bit Rate
Bit Rate
Fdev
Filter
Setting
Fdev
+
Rx 3 dB BW
Max. drift
Addr 16
BR/2
Programmed
Actual
kbps
+/- kHz
Hex
kHz
kHz
kHz
+/- ppm
100
200
FF
250
400
306
62
66.67
133
E9
166.7
250
214
53
50
100
D6
125
175
158
37
40
80
B5
100
150
137
41
33.33
67
A4
83.3
125
116
36
28.57
57
A3
71.4
100
96
27
25
50
A3
62.5
100
96
37
22.22
44
72
55.6
75
69
15
20
40
72
50
75
69
21
18.18
36
72
45.5
75
69
26
16.67
33
72
41.7
75
69
30
15.38
33
41
41
50
47
7
14.29
33
41
40.5
50
47
7
12.5
33
41
39.6
50
47
8
10
33
41
38.3
50
47
10
5
33
41
35.8
50
47
12
2
33
41
34.3
50
47
14
Table 38: OOK Rx Filters vs. Bit Rate
Bit Rate
FO + BR
Filter
Setting
Rx 3 dB BW
Max.
drift
Addr 16
Programmed
Actual
kbps
kHz
Hex
kHz
kHz
+/- ppm
16.67
117
C1
150
154
41
12.5
113
C1
150
154
46
9.52
110
A0
125
129
22
8
108
A0
125
129
23
4.76
105
A0
125
129
27
2.41
102
A0
125
129
30
1.56
102
A0
125
129
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com