Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF63 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 30Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 31Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 32Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 33Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 34Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 35Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 36Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 37Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 34 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
5. Data Processing
5.1. Overview
5.1.1. Block Diagram
Figure 25, illustrates the RF63 data processing circuit. Its role is to interface the data to/from the
modulator/demodulator and the uC access points (SPI, IRQ and DATA pins). It also controls all the configuration
registers.
The circuit contains several control blocks which are described in the following paragraphs.
Tx/Rx
RF63
CONTROL
DATA
IRQ_0
IRQ_1
Data
Rx
SYNC
RECOG.
Tx
PACKET
HANDLER
FIFO
(+SR)
SPI
CONFIG
DATA
NSS_DATA
SCK
MOSI
MISO
Figure 25: RF63
’s Data Processing Conceptual View
The RF63 implements several data operation modes, each with their own data path through the data processing
section. Depending on the data operation mode selected, some control blocks are active whilst others remain
disabled.
5.1.2. Data Operation Modes
The RF63 has three different data operation modes selectable by the user:
•
Continuous mode: each bit transmitted or received is accessed in real time at the DATA pin. This mode may be
used if adequate external signal processing is available.
•
Buffered mode: each byte transmitted or received is stored in a FIFO and accessed via the SPI bus. uC
processing overhead is hence significantly reduced compared to Continuous mode operation. The packet
length is unlimited.
•
Packet mode (recommended): user only provides/retrieves payload bytes to/from the FIFO. The packet is
automatically built with preamble, Sync word, and optional CRC, DC free encoding and the reverse operation is
performed in reception. The uC processing overhead is hence reduced further compared to Buffered mode.
The maximum payload length is limited to the maximum FIFO limit of 64 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com