Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF63 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 10 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Symbol
Description
Conditions
Min
Typ
Max
Unit
RFS_F
Sensitivity (FSK)
869 MHz, BR=25 kb/s, Fdev
=50 kHz, fc=100 kHz
-
-107
-
dBm
869 MHz, BR=66.7 kb/s,
Fdev=100 kHz, fc=200 kHz
-
-103
-
dBm
915 MHz, BR=25 kb/s,
Fdev=50 kHz, fc=100 kHz
-
-105
-
dBm
915 MHz, BR = 66.7 kb/s,
Fdev=100 kHz, fc=200 kHz
-
-101
-
dBm
RFS_O
Sensitivity (OOK)
869 MHz, 2kb/s NRZ
fc-fo=50 kHz, fo=50 kHz
-
-113
-
dBm
869 MHz, 16.7 kb/s NRZ
fc-fo=100 kHz, fo=100 kHz
-
-106
-
dBm
915 MHz, 2kb/s NRZ
fc-fo=50 kHz, fo=50 kHz
-
-111
-
dBm
915 MHz, 16.7 kb/s NRZ
fc-fo=100 kHz, fo=100 kHz
-
-105
-
dBm
CCR
Co-channel rejection
Modulation as wanted signal
-
-12
-
dBc
ACR
Adjacent channel
rejection
Offset = 300 kHz, unwanted
tone is not modulated
-
27
-
dB
Offset = 600 kHz, unwanted
tone is not modulated
-
52
-
dB
Offset = 1.2 MHz, unwanted
tone is not modulated
-
57
-
dB
BI
Blocking immunity
Offset = 1 MHz,
unmodulated
-
-48
-
dBm
Offset = 2 MHz,
unmodulated, no SAW
-
-37
-
dBm
Offset = 10 MHz,
unmodulated, no SAW
-
-33
-
dBm
RXBW_F
(1,2)
Receiver bandwidth in
FSK mode
Single side BW
Polyphase Off
50
-
250
kHz
RXBW_O
(1,2)
Receiver bandwidth in
OOK mode
Single side BW
Polyphase On
50
-
400
kHz
IIP3
rd
Input 3 order intercept
point
Interferers at 1MHz and
1.950 MHz offset
-
-28
-
dBm
TS_RE
(1)
Receiver wake-up time
From FS to Rx ready
-
280
500
µs
TS_RE2
(1)
Receiver wake-up time
From Stby to Rx ready
-
600
900
µs
TS_RE_HOP
Receiver hop time from
Rx ready to Rx ready with
a frequency hop
200 kHz step
-
400
-
µs
1MHz step
-
400
-
µs
5MHz step
-
460
-
µs
7MHz step
-
480
-
µs
12MHz step
-
520
-
µs
20MHz step
-
550
-
µs
27MHz step
-
600
-
µs
TS_RSSI
RSSI sampling time
From Rx ready
-
-
1/Fdev
s
DR_RSSI
RSSI dynamic Range
Ranging from sensitivity
-
70
-
dB
2.4.4. Receiver
On the following table, fc and fo describe the bandwidth of the active channel filters as described in section 3.4.4.2.
All sensitivities are measured receiving a PN15 sequence, for a BER of 0.1.%
Table 8: Receiver Specification
(1) Guaranteed by design and characterization
(2)
This reflects the whole receiver bandwidth, as described in sections 3.4.4.1 and 3.4.4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com