Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPT112S Datasheet(PDF) 6 Page - Silicon Laboratories

Part # CPT112S
Description  No firmware development required
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT112S Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button CPT112S Datasheet HTML 2Page - Silicon Laboratories CPT112S Datasheet HTML 3Page - Silicon Laboratories CPT112S Datasheet HTML 4Page - Silicon Laboratories CPT112S Datasheet HTML 5Page - Silicon Laboratories CPT112S Datasheet HTML 6Page - Silicon Laboratories CPT112S Datasheet HTML 7Page - Silicon Laboratories CPT112S Datasheet HTML 8Page - Silicon Laboratories CPT112S Datasheet HTML 9Page - Silicon Laboratories CPT112S Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
3.1.2 Power Consumption
See 3.4 Typical Performance Curves for power consumption plots.
Table 3.2. Power Consumption
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Active Mode Supply Current
IDD
—
3.1
—
mA
Optimized Active Mode Supply
Current
IDD
—
180
—
µA
Sleep Mode Current1, 2
IDD
3 sensors or fewer
—
0.78
—
µA
4 sensors
—
0.79
—
µA
5 sensors
—
0.81
—
µA
6 sensors
—
0.82
—
µA
7 sensors
—
0.84
—
µA
10 sensors
—
0.88
—
µA
12 sensors
—
0.95
—
µA
System Current with Varying Scan
Time — Base with One Sensor1
IDD
Scan period = 10 ms
—
154
—
µA
Scan period = 20 ms
—
77
—
µA
Scan period = 50 ms
—
31
—
µA
Scan period = 75 ms
—
21
—
µA
Scan period = 100 ms
—
16
—
µA
System Current with Varying Scan
Time — Each Additional Sensor1
IDD
Scan period = 10 ms
—
47
—
µA
Scan period = 20 ms
—
23
—
µA
Scan period = 50 ms
—
9
—
µA
Scan period = 75 ms
—
6
—
µA
Scan period = 100 ms
—
5
—
µA
Note:
1. Measured with Free Run Mode disabled and sensors set to 4x accumulation, 8x gain.
2. Measured with scan period set to 250 ms.
CPT112S Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.1 | 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com