Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPT112S Datasheet(PDF) 10 Page - Silicon Laboratories

Part # CPT112S
Description  No firmware development required
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT112S Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button CPT112S Datasheet HTML 6Page - Silicon Laboratories CPT112S Datasheet HTML 7Page - Silicon Laboratories CPT112S Datasheet HTML 8Page - Silicon Laboratories CPT112S Datasheet HTML 9Page - Silicon Laboratories CPT112S Datasheet HTML 10Page - Silicon Laboratories CPT112S Datasheet HTML 11Page - Silicon Laboratories CPT112S Datasheet HTML 12Page - Silicon Laboratories CPT112S Datasheet HTML 13Page - Silicon Laboratories CPT112S Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
3.3 Absolute Maximum Ratings
Stresses above those listed in Table 3.8 Absolute Maximum Ratings on page 9 may cause permanent damage to the device. This is
a stress rating only and functional operation of the devices at those or any other conditions above those indicated in the operation list-
ings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. For
more information on the available quality and reliability data, see the Quality and Reliability Monitor Report at http://www.silabs.com/
support/quality/pages/default.aspx.
Table 3.8. Absolute Maximum Ratings
Parameter
Symbol
Test Condition
Min
Max
Unit
Ambient Temperature Under Bias
TBIAS
–55
125
°C
Storage Temperature
TSTG
–65
150
°C
Voltage on VDD
VDD
GND–0.3
4.0
V
Voltage on I/O pins or RSTb
VIN
GND–0.3
VDD + 0.3
V
Total Current Sunk into Supply Pin
IVDD
—
400
mA
Total Current Sourced out of Ground
Pin
IGND
400
—
mA
Current Sourced or Sunk by Any I/O
Pin or RSTb
IIO
–100
100
mA
Maximum Total Current through all
Port Pins
IIOTOT
—
200
mA
Operating Junction Temperature
TJ
–40
105
°C
Exposure to maximum rating conditions for extended periods may affect device reliability.
CPT112S Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.1 | 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com