Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPT112S Datasheet(PDF) 19 Page - Silicon Laboratories

Part # CPT112S
Description  No firmware development required
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT112S Datasheet(HTML) 19 Page - Silicon Laboratories

Back Button CPT112S Datasheet HTML 15Page - Silicon Laboratories CPT112S Datasheet HTML 16Page - Silicon Laboratories CPT112S Datasheet HTML 17Page - Silicon Laboratories CPT112S Datasheet HTML 18Page - Silicon Laboratories CPT112S Datasheet HTML 19Page - Silicon Laboratories CPT112S Datasheet HTML 20Page - Silicon Laboratories CPT112S Datasheet HTML 21Page - Silicon Laboratories CPT112S Datasheet HTML 22Page - Silicon Laboratories CPT112S Datasheet HTML 23Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
4.2.3 Event Packet Structure
Every qualified event detected by the capacitive sensing input engine generates a single packet that can be retrieved by the host pro-
cessor through the event buffer I2C interface. The packet is an atomic data unit that fully describes the generated event.
Note: The bytes in the packet are transmitted MSB first.
Each packet has a standard structure that can be parsed by the host.
Table 4.1. Standard Packet Structure
Byte #
Designator
0
I2C Slave Address + read bit
1
Packet counter and event type
2
Event description (byte 1)
3
Event description (byte 2)
The packet counter is a 4-bit number stored in the upper bits of byte 1. Each new event will be assigned a counter value that is +1 from
the last qualified event. After event 15, the counter wraps back to 0 for the next event. The counter captures the temporal nature of
touch events so that a host can reconstruct a sequence of events over time. Also, the host can use the counter value to determine if a
packet has been lost due to a buffer overflow.
The event type is a 4-bit value describes the originator of the event. For instance, the source could be a capacitive sensing button. The
event type is stored in the lower 4 bits of byte 1.
The event description bytes define characteristics of the event that have been qualified. Event descriptions are defined relative to the
event source. An event source that is a capacitive sensing input will have a defined set of valid event description values. Those same
values will mean something different for a different type of event source, such as a slider. Event description values are defined relative
to the event type field of byte 1.
Touch
Event
I2C Slave Address
+ read bit
CSxx index
reserved
byte 0
byte 1
byte 2
byte 3
Touch
Release
Event
I2C Slave Address
+ read bit
CSxx index
reserved
byte 0
byte 1
byte 2
byte 3
Slider
Event
I2C Slave Address
+ read bit
slider position
(MSB)
slider position
(LSB)
byte 0
byte 1
byte 2
byte 3
packet
counter
0010
event
type
0000
packet
counter
0011
event
type
0001
packet
counter
0100
event
type
0010
Figure 4.5. I2C Event Buffer Packet Structure
CPT112S Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.1 | 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com