Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPT112S Datasheet(PDF) 20 Page - Silicon Laboratories

Part # CPT112S
Description  No firmware development required
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT112S Datasheet(HTML) 20 Page - Silicon Laboratories

Back Button CPT112S Datasheet HTML 16Page - Silicon Laboratories CPT112S Datasheet HTML 17Page - Silicon Laboratories CPT112S Datasheet HTML 18Page - Silicon Laboratories CPT112S Datasheet HTML 19Page - Silicon Laboratories CPT112S Datasheet HTML 20Page - Silicon Laboratories CPT112S Datasheet HTML 21Page - Silicon Laboratories CPT112S Datasheet HTML 22Page - Silicon Laboratories CPT112S Datasheet HTML 23Page - Silicon Laboratories CPT112S Datasheet HTML 24Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
4.2.4 Defined Event Types
The device assigns the following event types to events.
Table 4.2. Event Type Mapping
Event Type Value
Mapping
0
Sensor activity - touch event
1
Sensor activity - release event
2
Slider activity
Note that this event type value is stored in the lower 4 bits of the first byte of a packet. The upper 4 bits are a packet counter value.
4.2.5 Description Bytes for Touch Events
A touch or release event uses only one byte of the description field. That field identifies which sensor caused the touch or release event
as shown below.
Table 4.3. Touch or Release Event Sensor Mapping
Value
Mapping
0
Capacitive sensing input 0
1
Capacitive sensing input 1
2
Capacitive sensing input 2
3
Capacitive sensing input 3
4
Capacitive sensing input 4
5
Capacitive sensing input 5
6
Capacitive sensing input 6
7
Capacitive sensing input 7
8
Capacitive sensing input 8
9
Capacitive sensing input 9
10
Capacitive sensing input 10
11
Capacitive sensing input 11
4.2.6 Description Bytes for Slider Events
The slider activity description field uses two bytes to describe the position of the slider, which can be any value between 0 (0x0000) and
65534 (0xFFFE). The most-significant byte of this value is transmitted in the first byte (byte 2 of the event packet), and the least-signifi-
cant byte is transmitted second (byte 3 of the event packet).
When the slider is released, a final slider event will be transmitted with 0xFFFF in the two-byte field.
4.2.7 Event Buffer I2C Slave Address
The device's I2C slave address is configurable through the configuration profile. The device will ACK its slave address only when the
interrupt pin is low, signalling that a packet is ready to be read by the host. If the interrupt pin is logic high, the device will not ACK its
slave address.
CPT112S Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.1 | 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com