Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPT112S Datasheet(PDF) 25 Page - Silicon Laboratories

Part # CPT112S
Description  No firmware development required
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT112S Datasheet(HTML) 25 Page - Silicon Laboratories

Back Button CPT112S Datasheet HTML 21Page - Silicon Laboratories CPT112S Datasheet HTML 22Page - Silicon Laboratories CPT112S Datasheet HTML 23Page - Silicon Laboratories CPT112S Datasheet HTML 24Page - Silicon Laboratories CPT112S Datasheet HTML 25Page - Silicon Laboratories CPT112S Datasheet HTML 26Page - Silicon Laboratories CPT112S Datasheet HTML 27Page - Silicon Laboratories CPT112S Datasheet HTML 28Page - Silicon Laboratories CPT112S Datasheet HTML 29Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
4.8 Self Testing
4.8.1 Introduction
When the self-test feature is enabled through the configuration profile, the device performs a check on all enabled capacitive sensing
inputs upon startup to determine whether the sensing input pins are erroneously shorted to ground or supply. If a short or open is found
on a sensor, the self test feature will signal that an error has been found through a port pin. The feature will then disable that sensor
before beginning touch qualification scans on all sensors left enabled.
4.8.2 Test Failure Signaling
If the self test check reveals an error, the device will toggle the I2C buffer interrupt pin at a frequency of 2 Hz. This toggling will persist
for two seconds if the device detects one or more self test errors.
4.9 Configuration Profile
The configuration interface is used by the device to configure default values and performance characteristics that effect capacitive
sensing. The configuration data can be programmed through the Configuration interface (Config Clk and Config Data pins) using [Con-
figurator] in Simplicity Studio.
Several configuration profile templates are available in Simplicity Studio to provide a starting point for development.
CPT112S Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.1 | 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com