Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPT112S Datasheet(PDF) 21 Page - Silicon Laboratories

Part # CPT112S
Description  No firmware development required
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT112S Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button CPT112S Datasheet HTML 17Page - Silicon Laboratories CPT112S Datasheet HTML 18Page - Silicon Laboratories CPT112S Datasheet HTML 19Page - Silicon Laboratories CPT112S Datasheet HTML 20Page - Silicon Laboratories CPT112S Datasheet HTML 21Page - Silicon Laboratories CPT112S Datasheet HTML 22Page - Silicon Laboratories CPT112S Datasheet HTML 23Page - Silicon Laboratories CPT112S Datasheet HTML 24Page - Silicon Laboratories CPT112S Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
4.3 Capacitive Proximity Sensing
4.3.1 Wake on Proximity
The wake on capacitive proximity detection engine monitors for the presence of a conductive object such as a hand to move within
detectable range of the sensor. When the engine detects an object, the device wakes from sleep and can begin qualifying touch events
on all sensors enabled for active mode sensing.
4.3.2 Proximity Configuration
The proximity sensing feature uses a single sensor input for proximity qualification. The configuration profile stores the pin chosen by
the user. The sensor used for proximity qualification should also have a drive strength setting that is as high as possible without saturat-
ing the input when no conductive object is in proximity to the proximity sensor. The accumulation setting of the input is also configura-
ble.
The proximity threshold controls the sensitivity of the input. A lower threshold setting increases sensitivity and increases the range of
the sensor.
A proximity sensing input cannot be used for touch qualification, and so the active and inactive thresholds are not used for proximity
sensors. Additionally, the proximity input has no effect on other components of the device such as mutually exclusive button groups,
buzzer output, touch time out timers, and sliders.
4.4 Slider
The device supports creation of a single slider that is composed of two or more capacitive sensing input pins. The pins chosen as slider
inputs are assigned to the slider feature through the configuration profile.
The configuration profile also stores a value designated as the highest positional value that can be derived by the slider engine. That
highest value is used to derive the values of all intermediate positions on the slider array.
CPT112S Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.1 | 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com