Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPT112S Datasheet(PDF) 31 Page - Silicon Laboratories

Part # CPT112S
Description  No firmware development required
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT112S Datasheet(HTML) 31 Page - Silicon Laboratories

Back Button CPT112S Datasheet HTML 27Page - Silicon Laboratories CPT112S Datasheet HTML 28Page - Silicon Laboratories CPT112S Datasheet HTML 29Page - Silicon Laboratories CPT112S Datasheet HTML 30Page - Silicon Laboratories CPT112S Datasheet HTML 31Page - Silicon Laboratories CPT112S Datasheet HTML 32Page - Silicon Laboratories CPT112S Datasheet HTML 33Page - Silicon Laboratories CPT112S Datasheet HTML 34Page - Silicon Laboratories CPT112S Datasheet HTML 35Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Dimension
Min
Max
Note:
1. All dimensions shown are in millimeters (mm) unless otherwise noted.
2. Dimensioning and Tolerancing is per the ANSI Y14.5M-1994 specification.
3. This Land Pattern Design is based on the IPC-7351 guidelines.
4. All metal pads are to be non-solder mask defined (NSMD). Clearance between the solder mask and the metal pad is to be 60 µm
minimum, all the way around the pad.
5. A stainless steel, laser-cut and electro-polished stencil with trapezoidal walls should be used to assure good solder paste release.
6. The stencil thickness should be 0.125 mm (5 mils).
7. The ratio of stencil aperture to land pad size should be 1:1 for the perimeter pads.
8. A 2x2 array of 0.75 mm openings on a 0.95 mm pitch should be used for the center pad to assure proper paste volume.
9. A No-Clean, Type-3 solder paste is recommended.
10. The recommended card reflow profile is per the JEDEC/IPC J-STD-020 specification for Small Body Components.
6.3 QFN20 Package Marking
112S
TTTT
YWW+
Figure 6.3. QFN20 Package Marking
The package marking consists of:
• 112S – The part number designation.
• TTTT – A trace or manufacturing code. The first letter of this code is the hardware revision.
• Y – The last digit of the assembly year.
• WW – The 2-digit workweek when the device was assembled.
• + – Indicates the device is RoHS-compliant.
CPT112S Data Sheet
QFN20 Package Specifications
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.1 | 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com