Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPT112S Datasheet(PDF) 3 Page - Silicon Laboratories

Part # CPT112S
Description  No firmware development required
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT112S Datasheet(HTML) 3 Page - Silicon Laboratories

  CPT112S Datasheet HTML 1Page - Silicon Laboratories CPT112S Datasheet HTML 2Page - Silicon Laboratories CPT112S Datasheet HTML 3Page - Silicon Laboratories CPT112S Datasheet HTML 4Page - Silicon Laboratories CPT112S Datasheet HTML 5Page - Silicon Laboratories CPT112S Datasheet HTML 6Page - Silicon Laboratories CPT112S Datasheet HTML 7Page - Silicon Laboratories CPT112S Datasheet HTML 8Page - Silicon Laboratories CPT112S Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
2. Typical Connection Diagrams
2.1 Signal, Analog, and Power connections
Figure 2.1 Connection Diagram on page 2 shows a typical connection diagram for the power pins of CPT112S devices.
CPT112S
Device
4.7 µF and 0.1 µF
bypass capacitors
required for the power
pins placed as close to
the pins as possible.
1.8-3.6 V (in)
Host
Processor
1.8-3.6 V (in)
...
1.8-3.6 V (in)
Electrode
Electrode
GND
VDD
EB_SCL
EB_INT
CS10
CS00
Config Data
Config Clk / RSTb
EB_SDA
Figure 2.1. Connection Diagram
CPT112S Data Sheet
Typical Connection Diagrams
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.1 | 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com