Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPT112S Datasheet(PDF) 14 Page - Silicon Laboratories

Part # CPT112S
Description  No firmware development required
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT112S Datasheet(HTML) 14 Page - Silicon Laboratories

Back Button CPT112S Datasheet HTML 10Page - Silicon Laboratories CPT112S Datasheet HTML 11Page - Silicon Laboratories CPT112S Datasheet HTML 12Page - Silicon Laboratories CPT112S Datasheet HTML 13Page - Silicon Laboratories CPT112S Datasheet HTML 14Page - Silicon Laboratories CPT112S Datasheet HTML 15Page - Silicon Laboratories CPT112S Datasheet HTML 16Page - Silicon Laboratories CPT112S Datasheet HTML 17Page - Silicon Laboratories CPT112S Datasheet HTML 18Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
4. Functional Description
4.1 Capacitive Sensing Input
4.1.1 Introduction
The capacitive to digital converter uses an iterative, charge-timing self-capacitance technique to measure capacitance on an input pin.
Sampling is configured and controlled by settings in the non-volatile configuration profile, which can be changed through the 2-pin con-
figuration interface.
Baseline
Active threshold
Touch delta
Inactive threshold
Time
Figure 4.1. Capacitive Sense Data Types
4.1.2 Touch Qualification Criteria
The device detects a touch event when an inactive (untouched) input enabled by the input enable mask detects an sequence of meas-
urements that cross the active threshold.
The device detects a touch release event when an active (touched) input enabled by the input enable mask detects an sequence of
measurements that cross the inactive threshold.
The debounce configuration profile parameter defines how many measurements in a row must cross a threshold before a touch or re-
lease is qualified. In electrically noisy environments more heavily filtered data is used for qualification.
4.1.3 Thresholds
Capacitive sensing inputs use input-specific thresholds for touch qualification. Each input uses two thresholds, one to detect inactive-to-
active transitions on the input, and another to determine active-to-inactive transitions on the input. The inputs use two thresholds to add
hysteresis and prevent active/inactive ringing on inputs. Each threshold can be set through Simplicity Studio tools and all thresholds are
stored in non-volatile memory in the device's configuration profile.
Thresholds are defined as percentages of a capacitive sensing input's touch delta.
CPT112S Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.1 | 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com