Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPT112S Datasheet(PDF) 17 Page - Silicon Laboratories

Part # CPT112S
Description  No firmware development required
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT112S Datasheet(HTML) 17 Page - Silicon Laboratories

Back Button CPT112S Datasheet HTML 13Page - Silicon Laboratories CPT112S Datasheet HTML 14Page - Silicon Laboratories CPT112S Datasheet HTML 15Page - Silicon Laboratories CPT112S Datasheet HTML 16Page - Silicon Laboratories CPT112S Datasheet HTML 17Page - Silicon Laboratories CPT112S Datasheet HTML 18Page - Silicon Laboratories CPT112S Datasheet HTML 19Page - Silicon Laboratories CPT112S Datasheet HTML 20Page - Silicon Laboratories CPT112S Datasheet HTML 21Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
4.1.12 Active Mode and Sleep Mode Transitions
Capacitive sensing inputs will stay in active mode until no inputs detect qualified touches for a span of time defined by the counts until
sleep parameter stored in the configuration profile. The scan period of enabled inputs is defined by the active mode scan period, also
found in the configuration profile. If free run mode is enabled, the active mode sensing engine will remain awake and scanning the sen-
sors as fast as possible. If free run mode is disabled, the engine will put itself into a low power state for the remainder of the active
mode scan period, after a scan has completed.
When in sleep mode, the sensing engine will wake at a period defined by sleep mode scan period to do a scan on sensors that have
been enabled as wakeup sources. If the engine finds a candidate touch in this state, the system reverts to active mode to continue
scanning.
Note that in systems where a proximity input is selected, the sleep mode scan engine uses conversions on the proximity input instead
of sensors enabled as wakeup sources.
qualified touch
release
touch release
new touch
no touch
counter = 1
no touch
counter = 2
...
no touch counter
= counts before
sleep
device enters
sleep
sleep scan sees
touch, wakes,
qualifies touch
no touch
counter = 0
t
Figure 4.4. Active and Sleep Transitions
CPT112S Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.1 | 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com