Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPT112S Datasheet(PDF) 1 Page - Silicon Laboratories

Part # CPT112S
Description  No firmware development required
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT112S Datasheet(HTML) 1 Page - Silicon Laboratories

  CPT112S Datasheet HTML 1Page - Silicon Laboratories CPT112S Datasheet HTML 2Page - Silicon Laboratories CPT112S Datasheet HTML 3Page - Silicon Laboratories CPT112S Datasheet HTML 4Page - Silicon Laboratories CPT112S Datasheet HTML 5Page - Silicon Laboratories CPT112S Datasheet HTML 6Page - Silicon Laboratories CPT112S Datasheet HTML 7Page - Silicon Laboratories CPT112S Datasheet HTML 8Page - Silicon Laboratories CPT112S Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
TouchXpress™ Family
CPT112S Data Sheet
The CPT112S device, part of the TouchXpress family, is designed
to quickly add capacitive touch via an I2C interface by eliminating
the firmware complexity and reducing the development time for ca-
pacitive sensing applications.
Supporting up to 12 capacitive sensor inputs in a 3 mm x 3 mm QFN package, the
CPT112S is a highly-integrated device that interfaces via I2C to the host processor to
provide a simple solution for adding capacitive touch. The device also comes with ad-
vanced features like moisture immunity, wake-on proximity, and buzzer feedback for an
enhanced user experience. No firmware development is needed, and all the capacitive
touch sense parameters can be configured using a simple GUI-based configurator. By
eliminating the need for complex firmware development, the CPT112S device enables
rapid user interface designs with minimal development effort.
The CPT112S device is ideal for a wide range of capacitive touch applications including
the following:
KEY FEATURES
• No firmware development required
• Simple GUI-based configurator
• 12 Capacitive Sensor inputs with
programmable sensitivity
• Configurable multi-button slider
• I2C interface to communicate to the host
• Lowest power capacitive sense solution
• Active — 200 µA
• Sleep — 1 µA
• Wake on proximity
• Superior noise immunity: SNR up to 270:1
• Moisture immunity
• Mutually-exclusive touch qualifier
• Button touch time-out to avoid false
touches
• Buzzer output for audible touch feedback
• Home appliances
• Instrument / Control panels
• White goods
• Medical equipment
• Consumer electronics
• Lighting control
Input
Features
Output
Features
Capacitive Touch Sensing
Features
Baselining
Low Power State
Machine
Configuration
Profile for each
Input
Touch Time-Out
Timer
Touch
Qualification
Mutually-
Exclusive Touch
Qualifier
Input Engine
with
12 Inputs
Proximity Wake
Input
Option for a
Multi-Button
Slider
Optimized Active
Lowest power mode with feature operational:
Active
Optional Buzzer
Output
I2C Output
I2C Event Buffer
Interrupt Pin
Low Power Sleep
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.1
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.


Similar Part No. - CPT112S

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
CPT1000 RHOPOINT-CPT1000 Datasheet
119Kb / 1P
Platinum Temperature Sensor SMD 1206 CPT 1000
logo
Clarke International
CPT1000 CLARKE-CPT1000 Datasheet
6Mb / 24P
10” PLANER / THICKNESSER
DL0222
logo
Canopus Electronics (H....
CPT1003 CANOPUS-CPT1003 Datasheet
627Kb / 1P
External Drive Piezo Transducer (AC)
CPT1003H32BW CANOPUS-CPT1003H32BW Datasheet
627Kb / 1P
External Drive Piezo Transducer (AC)
logo
Microsemi Corporation
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
Schottky PowerMod
More results

Similar Description - CPT112S

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCS131 THINE-THCS131 Datasheet
373Kb / 10P
No External Clock Required
THCS132 THINE-THCS132 Datasheet
596Kb / 19P
No External Clock Required
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
No External Clock Required.
logo
Silicon Laboratories
CPT007B SILABS-CPT007B Datasheet
460Kb / 31P
No firmware development required
SI52131-A11A SILABS-SI52131-A11A Datasheet
1Mb / 19P
No termination resistors required
logo
Analog Devices
HMC1132 AD-HMC1132 Datasheet
694Kb / 15P
No external matching required
Rev. 0
logo
Laird Tech Smart Techno...
900 LSTD-900 Datasheet
689Kb / 1P
No heatsink preheating required
logo
Taoglas antenna solutio...
MMB.A.EXTMA TAOGLAS-MMB.A.EXTMA Datasheet
3Mb / 30P
No Drilling Required
logo
Delta Electronics, Inc.
DNT12SMD03 DELTA-DNT12SMD03 Datasheet
600Kb / 12P
No minimum load required
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
No minimum load required
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com