Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPT112S Datasheet(PDF) 9 Page - Silicon Laboratories

Part # CPT112S
Description  No firmware development required
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT112S Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button CPT112S Datasheet HTML 5Page - Silicon Laboratories CPT112S Datasheet HTML 6Page - Silicon Laboratories CPT112S Datasheet HTML 7Page - Silicon Laboratories CPT112S Datasheet HTML 8Page - Silicon Laboratories CPT112S Datasheet HTML 9Page - Silicon Laboratories CPT112S Datasheet HTML 10Page - Silicon Laboratories CPT112S Datasheet HTML 11Page - Silicon Laboratories CPT112S Datasheet HTML 12Page - Silicon Laboratories CPT112S Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Maximum External Series Impe-
dance
REXTMAX
Gain = 8x
—
50
—
kΩ
Note:
1. Measured with gain set to 8x.
2. Measured with an evaluation board with 1/16" overlay using Capacitive Sense Profiler.
3. Sensors configured to 8x gain, 1x accumulation with sensor sampling and system processing time included and mutually-exclu-
sive buttons, slider, buzzer, and touch time-outs disabled.
3.1.6 Buzzer Output
Table 3.6. Buzzer Output
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output High Voltage (High Drive)
VOH
IOH = –3 mA
VDD – 0.7
—
—
V
Output Low Voltage (High Drive)
VOL
IOL = 8.5 mA
—
—
0.6
V
Output High Voltage (Low Drive)
VOH
IOH = –1 mA
VDD – 0.7
—
—
V
Output Low Voltage (Low Drive)
VOL
IOL = 1.4 mA
—
—
0.6
V
Weak Pull-Up Current
IPU
VDD = 1.8 V
VIN = 0 V
—
–4
—
µA
VDD = 3.6 V
VIN = 0 V
–35
–20
—
µA
3.2 Thermal Conditions
Table 3.7. Thermal Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Thermal Resistance*
θJA
—
60
—
°C/W
Note:
1. Thermal resistance assumes a multi-layer PCB with any exposed pad soldered to a PCB pad.
CPT112S Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.1 | 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com