Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPT112S Datasheet(PDF) 24 Page - Silicon Laboratories

Part # CPT112S
Description  No firmware development required
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT112S Datasheet(HTML) 24 Page - Silicon Laboratories

Back Button CPT112S Datasheet HTML 20Page - Silicon Laboratories CPT112S Datasheet HTML 21Page - Silicon Laboratories CPT112S Datasheet HTML 22Page - Silicon Laboratories CPT112S Datasheet HTML 23Page - Silicon Laboratories CPT112S Datasheet HTML 24Page - Silicon Laboratories CPT112S Datasheet HTML 25Page - Silicon Laboratories CPT112S Datasheet HTML 26Page - Silicon Laboratories CPT112S Datasheet HTML 27Page - Silicon Laboratories CPT112S Datasheet HTML 28Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
4.6.2 Buzzer Configuration
When enabled, buzzer output will appear on the CS11/buzzer pin (pin 10) of the device. When buzzer output is enabled, CS11 is not
available for capactive input sensing.
When activated, the buzzer will remain active for either the duration specified in the configuration profile, or until the last active sensor
has qualified a touch release.
The configuration profile supports configuration of output frequencies ranging from 1 kHz to 4 kHz.
The configuration profile can configure the buzzer output pin to either push pull mode or open drain mode.
4.7 Mutually Exclusive Buttons
When enabled through the configuration profile, this system allows one and only one capacitive sensing input to be qualified as active
at a time. The first sensor active will remain the only sensor active until released. The device will internally qualify multiple touch and
release events but will not report them.
If multiple sensors have been internally qualified as active, the first sensor's touch event will be reported. If a touch event occurs simul-
taneously on more than one sensor, the touch with the highest touch delta will be reported.
If two sensors are qualified as active and the sensor being reported as active qualifies a touch release, the device will report that re-
lease and then report a touch qualification on the still-active second sensor.
In the case where a device has simultaneously qualified more than two active sensors and the reported active sensor qualifies and
reports a release, the remaining qualified sensor with the highest sensor name will then be reported. For example, if sensors CS00,
CS01, and CS02 are active with CS00 externally reported as active, after CS00's release, CS02 would be externally reported as an
active sensor unless the device has already qualified a touch release on CS02.
If both the touch timeout feature and the mutually exclusive button group feature are enabled, the timeout timer will only run on the
touch that is externally reported as being active.
Device Execution
physical touch on pad
touch reported by CPT device
release reported by CPT device
Figure 4.9. Mutually-Exclusive Button Operation
CPT112S Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.1 | 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com