Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPT112S Datasheet(PDF) 7 Page - Silicon Laboratories

Part # CPT112S
Description  No firmware development required
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT112S Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button CPT112S Datasheet HTML 3Page - Silicon Laboratories CPT112S Datasheet HTML 4Page - Silicon Laboratories CPT112S Datasheet HTML 5Page - Silicon Laboratories CPT112S Datasheet HTML 6Page - Silicon Laboratories CPT112S Datasheet HTML 7Page - Silicon Laboratories CPT112S Datasheet HTML 8Page - Silicon Laboratories CPT112S Datasheet HTML 9Page - Silicon Laboratories CPT112S Datasheet HTML 10Page - Silicon Laboratories CPT112S Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
3.1.3 Reset and Supply Monitor
Table 3.3. Reset and Supply Monitor
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
VDD Supply Monitor Threshold
VVDDM
Reset Trigger
1.7
1.75
1.8
V
VWARN
Early Warning
1.8
1.85
1.9
V
Power-On Reset (POR) Monitor
Threshold
VPOR
Rising Voltage on VDD
—
1.75
—
V
Falling Voltage on VDD
0.75
1.0
1.3
V
VDD Ramp Time
tRMP
Time to VDD ≥ 1.8 V
—
—
3
ms
RST Low Time to Generate Reset
tRSTL
15
—
—
µs
Boot Time1
tboot
1 sensor
—
25
—
ms
2 sensors
—
40
—
ms
3 sensors
—
55
—
ms
4 sensors
—
70
—
ms
5 sensors
—
85
—
ms
6 sensors
—
100
—
ms
7 sensors
—
115
—
ms
8 sensors
—
130
—
ms
9 sensors
—
145
—
ms
10 sensors
—
160
—
ms
11 sensors
—
175
—
ms
12 sensors
—
200
—
ms
Note:
1. Boot time is defined as the time from a power-on reset or /RST pin release until the first capacitive sense scan begins.
3.1.4 Configuration Memory
Table 3.4. Configuration Memory
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Endurance (Write/Erase Cycles)
NWE
20 k
100 k
—
Cycles
Note:
1. Data Retention Information is published in the Quarterly Quality and Reliability Report.
CPT112S Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.1 | 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com