Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPT112S Datasheet(PDF) 16 Page - Silicon Laboratories

Part # CPT112S
Description  No firmware development required
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT112S Datasheet(HTML) 16 Page - Silicon Laboratories

Back Button CPT112S Datasheet HTML 12Page - Silicon Laboratories CPT112S Datasheet HTML 13Page - Silicon Laboratories CPT112S Datasheet HTML 14Page - Silicon Laboratories CPT112S Datasheet HTML 15Page - Silicon Laboratories CPT112S Datasheet HTML 16Page - Silicon Laboratories CPT112S Datasheet HTML 17Page - Silicon Laboratories CPT112S Datasheet HTML 18Page - Silicon Laboratories CPT112S Datasheet HTML 19Page - Silicon Laboratories CPT112S Datasheet HTML 20Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
4.1.10 Active Mode Scan Type
The active mode scan type, which is stored in the configuration profile, controls whether the capacitive sensing engine in active mode
will scan only once during the active mode scan period before going to sleep, or whether the engine will continue scanning as quickly
as possible during the active mode scan period, never entering a low power state.
For optimal responsiveness, the engine should be configured to run with free run mode enabled. Setting the scan mode to 'free run'
causes touch qualification on a new touch to occur as quickly as the scanning engine can convert and process samples on all sensors.
In this mode, qualification time is not bounded by active mode scan period, and is only bounded by scanning configuration factors such
as the debounce setting, the number of enabled sensors, the accumulation setting on each sensor, and the timing constraints of any
enabled component.
For optimal current draw when in active mode, the engine should be configured to use the 'one scan per period' mode setting. In this
case, touch qualification is bound by the scan period and the debounce setting of the device.
Touch Event
(t = 0 ms)
10 ms
20 ms
30 ms
40 ms
Optimized
Active
sample
sample
Active
process
additional
processing
process
additional
processing
Sleep
sleep
sleep
debounce
count = 1
touch
qualified
Figure 4.2. Timing and Current — One Sample Per Period Mode
Touch Event
(t = 0 ms)
10 ms
20 ms
30 ms
40 ms
Optimized
Active
sample
Active
process
additional
processing
Sleep
debounce
count = 1
touch
qualified
sample
process
additional
processing
Figure 4.3. Timing and Current — Free Run Mode
4.1.11 Sleep Mode Scan Period
The sleep mode scan period defines the rate at which a scan of the inputs enabled as wake-up sources are sampled. Each enabled
sensor can also be enabled as a wake-up source. After the sleep mode scan completes, the scan is processed for a qualified candidate
touch. If a candidate touch is qualified, the system wakes form sleep mode and enters active mode scanning.
The sleep mode scan period is stored in the configuration profile and is defined in units of ms.
CPT112S Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.1 | 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com