Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-KW40Z Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # USB-KW40Z
Description  Freescale USB Development Board USB-KW40Z Users Guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW40Z Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button USB-KW40Z Datasheet HTML 17Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 18Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 19Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 20Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 21Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 22Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 23Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 24Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 25Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Freescale USB Development Board USB-KW40Z User’s Guide, Rev. 0, 10/2015
Freescale Semiconductor, Inc
21
PCB manufacturing specifications
NOTES
USB-KW40Z includes neither J4 (the MMCX connector) nor the
external antenna.
For external measurements and/or external antenna usage, J4 should be
installed and soldered in place.
A 50 ohm MMCX connector is required; recommended part number
MM8030-2600B from Murata.
When selecting an external antenna to connect to the MMCX connector,
choose an antenna designed for the desired frequency band. Operation
with an external antenna may require a separate certification of your
product.
5
PCB manufacturing specifications
This section provides the specifications used to manufacture the USB-KW40Z development printed circuit
board (PCB) described in this guide.
The USB-KW40Z development platform PCBs must comply with the following:
The PCB must comply with Perfag1D/3C (www.perfag.dk/en/)
The PCB manufacturer’s logo is required
The PCB production week and year code is required
— The manufacturer’s logo and week/year code must be stamped on the back of the PCB solder
mask
— The PCB manufacturer cannot insert text on the PCB either in copper or in silkscreen without
written permission from Freescale Semiconductor, Inc.
The required Underwriter’s Laboratory (UL) Flammability Rating
— The level is 94V-0 ((http://ulstandards.ul.com/standard/?id=94)
— The UL information must be stamped on the back of the PCB solder mask
NOTE
A complete set of design files for the MKW40Z160 development boards
is available at the Freescale website (www.freescale.com/KW40Z)
under “Software and Tools.” These reference designs should be used as
a starting point for a custom application.
The Freescale IEEE 802.15.4 / ZigBee Package and Hardware Layout
Considerations Reference Manual, (ZHDCRM) is also available at the
same web site to provide additional design guidance.
5.1
Single PCB construction
This section describes individual PCB construction details.
The USB-KW40Z PCBs are four-layer, multi-layer designs
The PCBs contain no blind, buried, or micro vias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com