Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-KW40Z Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # USB-KW40Z
Description  Freescale USB Development Board USB-KW40Z Users Guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW40Z Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button USB-KW40Z Datasheet HTML 16Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 17Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 18Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 19Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 20Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 21Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 22Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 23Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Freescale USB Development Board USB-KW40Z User’s Guide, Rev. 0, 10/2015
20
Freescale Semiconductor, Inc.
USB-KW40Z development board
19
4
MH1,MH2,MH3,MH4
MH_80MIL
REWORK HOLE NON-PLATED
50MIL DRILL SIZE 65MIL
SOLDERMASK TH, NO PART TO
ORDER
NO PART TO ORDER
NO PART TO ORDER
20
2
R2,R3
0
RES MF ZERO OHM 1/16W 5% 0402 ROHM
MCR01MZPJ000
21
1
R12 DNP
0
RES MF ZERO OHM 1/16W 5% 0402 ROHM
MCR01MZPJ000
22
1
R19
0
RES TF ZERO OHM 1/16W
AEC-Q200 RC0402
VISHAY
INTERTECHNOLOGY
CRCW04020000ZS
23
2
R7,R8
33
RES MF 33 OHM 1/16W 5% 0402
SMEC
RC73L2Z330JTF
24
3
R9,R10,R14
330
RES MF 330 OHM 1/16W 5% 0402
VISHAY
INTERTECHNOLOGY
CRCW0402330RJNED
25
6
R15,R16,R17,R18,R23,
R25
1.0K
RES MF 1.0K 1/16W 1% 0402
YAGEO AMERICA
RC0402FR-071KL
26
5
R4,R5,R6,R20,R21
10.0K
RES MF 10.0K 1/16W 1% AEC-Q200
0402
VISHAY
INTERTECHNOLOGY
CRCW040210K0FKED
27
2
R11,R13 DNP
10.0K
RES MF 10.0K 1/16W 1% AEC-Q200
0402
VISHAY
INTERTECHNOLOGY
CRCW040210K0FKED
28
1
R22
27K
RES MF 27K 1/16W 5% 0402
VISHAY
INTERTECHNOLOGY
CRCW040227K0JNED
29
1
R24 DNP
27K
RES MF 27K 1/16W 5% 0402
VISHAY
INTERTECHNOLOGY
CRCW040227K0JNED
30
1
RT1
MINISMDC050F-2
FUSE PLYSW 0.5A 24V SMT
TYCO ELECTRONICS MINISMDC050F-2
31
14
SH1,SH2,SH3,SH4,
SH5,SH6,SH7,SH8,
SH9,SH10,SH11,SH12,
SH13,SH14
0
ZERO OHM CUT TRACE 0402 PADS;
NO PART TO ORDER
LAYOUT ELEMENT
ONLY
LAYOUT ELEMENT
ONLY
32
3
SW1,SW2,SW3
TL1015AF160QG
SW SPST PB 50MA 12V SMT
E SWITCH
TL1015AF160QG
33
14
TP1,TP2,TP3,TP6,TP7,
TP8,TP9,TP10,TP15,
TP17,TP18,TP19,TP20,
TP21
TPAD_040
TEST POINT PAD 40MIL DIA SMT,
NO PART TO ORDER
NOTACOMPONENT
NOTACOMPONENT
34
2
TP4,TP14
TPAD_030
TEST POINT PAD 30MIL DIA SMT,
NO PART TO ORDER
NOTACOMPONENT
NOTACOMPONENT
35
1
TP16 DNP
TEST POINT
WHITE
TEST POINT WHITE 40 MIL DRILL
180 MIL TH 109L
COMPONENTS
CORPORATION
TP-105-01-09
36
1
U1
MKW40Z160VHT4 IC MCU XCVR 2.4GHZ BLUETOOTH
LOW ENERGY MAPLGA64
FREESCALE
SEMICONDUCTOR
MKW40Z160VHT4
37
1
U5
MK22FN512VMP1
2
IC MCU 32BIT 512KB FLASH 128KB
RAM 1.71-3.6V 120MHZ MAPBGA 64
FREESCALE
SEMICONDUCTOR
MK22FN512VMP12
38
1
U6
NC7SZ14M5X
IC INV SGL 1.65-5.5V SOT23-5
FAIRCHILD
NC7SZ14M5X
39
1
U8
74LVC125
IC QUAD BUF LINE DRV TS 1.2-3.6V
DHVQFN14
NXP
SEMICONDUCTORS
74LVC125ABQ,115
40
1
X1
8.00MHZ
XTAL 8.00MHZ RSN CERAMIC --
SMT
MURATA
CSTCE8M00G55-R0
41
1
Y1
32MHZ
XTAL 32MHZ 9PF -- SMT 3.2X2.5MM NDK
EXS00A-CS02368
42
1
Y2
32.768KHZ
XTAL 32.768KHZ SMT ROHS
COMPLIANT
EPSON
ELECTRONICS
FC-135 32.7680KA-A3
43
1
Z1
2400MHZ 50OHM
XFMR BALUN 2400 +/-100MHZ SMT MURATA
LDB212G4005C-001
Table 2. Bill of materials (common parts for all frequency bands) (Sheet 2 of 2)
Item
Qty
Reference
Value
Description
Mfg. Name
Mfg. Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com