Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-KW40Z Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # USB-KW40Z
Description  Freescale USB Development Board USB-KW40Z Users Guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW40Z Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  USB-KW40Z Datasheet HTML 1Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 2Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 3Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 4Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 5Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 6Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 7Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 8Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Freescale USB Development Board USB-KW40Z User’s Guide, Rev. 0, 10/2015
Freescale Semiconductor, Inc
5
USB-KW40Z overview and description
The USB-KW40Z development board includes the following features:
•
Based on the Freescale ultra low-power MKW40Z160 SoC BLE device
•
Fully compliant IEEE Std. 802.15.4, 2006, transceiver supporting 250 kbit/s O-QPSK data in
5.0 MHz channels and full spread-spectrum encode and decode
•
Fully compliant Bluetooth v4.1 Low Energy (BLE)
•
Full IEEE 802.15.4 compliant wireless node with KSDK enable software
•
Reference design area with small footprint, low-cost RF node
— Differential input/output port used with external balun for single port operation
— Low external component count
— Programmable output power from –20 dBm to +5 dBm at the MMCX connector, no harmonic
trap using bypass mode of operation
— Receiver sensitivity: –102 dBm, typical (@1% PER for 20 byte payload packet), for 802.15.4
at the MMCX connector
— Receiver sensitivity: -91 dBm for BLE applications at the MMCX connector
•
Integrated PCB inverted meander type antenna and MMCX (Micro-Miniature Coaxial) RF port
•
Bypass operation mode
•
32 MHz reference oscillator
•
32 kHz reference oscillator
•
2.4 GHz frequency operation (ISM and MBAN)
•
Reset switch drive to MKW40Z160.
•
Reset switch drive to debug interface (OpenSDA)
•
Cortex 10-pin (0.05 inch) SWD debug port for target MCU
•
Cortex 10-pin (0.05 inch) JTAG port for OpenSDA updates
•
Integrated open-standard serial and debug interface (OpenSDA)
•
2 Blue LED indicators primary drive thought MKW40Z160 MCU, also connected to MK22FN512
•
1 Push button switch drive to MKW40Z160 MCU, also connected to MK22FN512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com