Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-KW40Z Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # USB-KW40Z
Description  Freescale USB Development Board USB-KW40Z Users Guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW40Z Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button USB-KW40Z Datasheet HTML 7Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 8Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 9Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 10Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 11Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 12Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 13Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 14Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Freescale USB Development Board USB-KW40Z User’s Guide, Rev. 0, 10/2015
Freescale Semiconductor, Inc
11
USB-KW40Z development board
Figure 6. USB-KW40Z RF circuitry
4.2.2
Clocks
The USB-KW40Z provides two clock sources to the MKW40Z160:
•
32 MHz Reference Oscillator - Figure 7 shows the external 32 MHz external crystal Y1. This
mounted crystal must meet the specifications outlined in the AN3251 application note. The IEEE
Std. 802.15.4 requires that the frequency be accurate to less than ±40 ppm.
— Capacitors C4 and C5 provide the bulk of the crystal load capacitance. At 25 °C, it is desired
to have the frequency accurate to ±10 ppm or less to allow for temperature variation.
•
Optional 32.768 kHz Crystal Oscillator: Provision is also made for a secondary 32.768 kHz crystal
Y2 (see Figure 8). This oscillator can be used for a low power accurate time base.
— The module comes provided with this Y2 crystal and its load capacitors C6 and C7.
— Load capacitors C6 and C7 provide the entire crystal load capacitance; there is no onboard trim
capacitance.
Figure 7. USB-KW40Z board’s 32 MHz reference oscillator circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com