Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-KW40Z Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # USB-KW40Z
Description  Freescale USB Development Board USB-KW40Z Users Guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW40Z Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button USB-KW40Z Datasheet HTML 11Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 12Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 13Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 14Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 15Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 16Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 17Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 18Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Freescale USB Development Board USB-KW40Z User’s Guide, Rev. 0, 10/2015
Freescale Semiconductor, Inc
15
USB-KW40Z development board
4.2.4.2.1
OpenSDA interface clock
The USB-KW40Z provides one clock source for the OpenSDA MK22FN512 MCU.
•
8 MHz Reference Oscillator - Figure 12 shows the external 8 MHz external crystal X1. This
mounted crystal must meet MK22FN512 specifications. It also provides C44 and C45 to the bulk
of the crystal load capacitance.
Figure 12. USB-KW40Z MK22FN512 8 MHz clock source
4.2.4.2.2
MK22FN512 peripheral
functions
The USB-KW40Z OpenSDA interface circuit also includes one switch button, to assist in MK22FN512
MCU hardware reset. Figure 13 shows the push button for MK22FN512
Figure 13. USB-KW40Z MK22FN512 push button & LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com