Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-KW40Z Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # USB-KW40Z
Description  Freescale USB Development Board USB-KW40Z Users Guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW40Z Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button USB-KW40Z Datasheet HTML 4Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 5Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 6Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 7Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 8Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 9Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 10Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 11Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Freescale USB Development Board USB-KW40Z User’s Guide, Rev. 0, 10/2015
8
Freescale Semiconductor, Inc.
USB-KW40Z development board
Figure 4 shows a footprint of the USB-KW40Z with the location of the headers.
Figure 4. USB-KW40Z I/O headers location
4.1.3
Board level specifications
Table 1. USB-KW40Z specifications
Parameter
Min
Typ
Max
Units
Notes/Conditions
General
Size (PCB: X, Y)
—
—
18.5 x 61.4
0.73 x 2.42
mm
inches
Layer build (PCB)
—
1.57
0.062
—mm
inches
4-Layer
Dielectric material (PCB)
—
—
—
—
FR4
Power
Current consumption
—
—
—
mA
Varies with operational mode, Refer to
datasheet.
Temperature
Operating temperature (see note)
-40
+25
+70
°C
Operating temperature is limited to +70 °C
due to switches. Basic circuit is good for a
maximum temperature of +85 °C.
Storage temperature
-30
+25
+70
°C
RF
802.15.4 Frequency range
2405
—
2480
MHz All 16 channels in the 2450 MHz band
BLE Frequency range
2400
—
2483
MHz All 40 channels in the 2450 MHz band
ISM and MBAN Frequency range
2360
—
2483
MHz
RF Receiver
Saturation (maximum input level)
—
+0
—
dBm Refer to datasheet
Sensitivity for 1% packet error rate
(PER) (+25 °C) 802.15.4
—
-102
—
dBm Refer to datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com