Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-KW40Z Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # USB-KW40Z
Description  Freescale USB Development Board USB-KW40Z Users Guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW40Z Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button USB-KW40Z Datasheet HTML 17Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 18Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 19Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 20Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 21Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 22Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 23Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 24Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 25Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Freescale USB Development Board USB-KW40Z User’s Guide, Rev. 0, 10/2015
22
Freescale Semiconductor, Inc.
PCB manufacturing specifications
•
PCB data:
— USB-KW40Z size: Approximately 18.5x 61.4 mm (0.73 x 2.42 inches)
— USB-KW40Z final thickness (Cu/Cu): 1.57 mm (0.62 inches) +/- 10% (excluding solder mask)
Table 3 defines some of the layers of the completed PCB. The artwork identification refers to the name of
the layer in commonly used terms.
IMPORTANT: The USB-KW40Z development board contains high frequency 2.4 GHz RF circuitry. As
a result, RF component placement, line geometries and layout, and spacing to the ground plane are critical
parameters. Therefore, BOARD STACKUP GEOMETRY IS CRITICAL. Dielectric and copper
thicknesses and spacing must not be changed; follow the stackup information provided with the reference
design (see Figure 19) information provided with the reference design.
Figure 19. USB-KW40Z PCB stackup cross-section (four layer)
•
Solder mask is required
•
Silk screen is required
5.2
Panelization
The panel size can be negotiated depending on production volume.
5.3
Materials
The PCB composite materials must meet the following requirements:
•
Laminate—the base material (laminate) must be FR4. If the laminate material is changed, the RF
electrical characteristics may change and degrade RF performance.
Table 3. USB-KW40Z layer by layer overview
Layer
Artwork Identification
File Name
1
Silkscreen Top
PSS.art
2
Top Layer Metal
L1_PS.art
3
Ground Layer
L2_GND.art
4
Signal Layer
L3_INT_1.art
5
Bottom Layer Metal
L4_SS.art
6
Silkscreen Bottom
SSS.art



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com