Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-KW40Z Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # USB-KW40Z
Description  Freescale USB Development Board USB-KW40Z Users Guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW40Z Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  USB-KW40Z Datasheet HTML 1Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 2Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 3Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 4Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 5Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 6Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 7Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 8Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Freescale USB Development Board USB-KW40Z User’s Guide, Rev. 0, 10/2015
2
Freescale Semiconductor, Inc.
Safety information
2
Safety information
2.1
FCC guidelines
This equipment is for use by developers for evaluation purposes only and must not be incorporated into
any other device or system. This device may not be sold to the general public. Integrators will be
responsible for reevaluating the end product (including the transmitter) and obtaining a separate FCC
authorization.
FCC approval of this device only covers the original configuration of this device as supplied. Any
modifications to this product, including changes shown in this manual, may violate the rules of the Federal
Communications Commission and Industry Canada and make operation of the product unlawful.
2.1.1
Labeling
FCC labels are physically located on the back of the board.
2.1.2
Operating conditions
This device complies with part 15 of the FCC rules. Operation is subject to the following two conditions:
This device may not cause harmful interference.
This device must accept any interference received, including interference that may cause undesired
operation.
2.1.3
Exposure limits
This equipment complies with FCC radiation exposure limits set forth for an uncontrolled environment.
The antenna(s) used for this equipment must be installed to provide a separation distance of at least 8
inches (20 cm) from all persons.
2.1.4
Antenna restrictions
An intentional radiator is designed to ensure that no antenna other than that furnished by the responsible
party is used with the device. The use of a permanently attached antenna or of an antenna that uses a unique
coupling to the intentional radiator is considered sufficient to comply with the provisions of this Section.
The manufacturer may design the unit so that a broken antenna can be replaced by the user, but the use of
a standard antenna jack or electrical connector is prohibited. This requirement does not apply to carrier
current devices or to devices operated under the provisions of Sections 15.211, 15.213, 15.217, 15.219, or
15.221 of the IEEE Std. 802.15.4. This requirement does not apply to intentional radiators that must be
professionally installed, such as perimeter protection systems and some field disturbance sensors, or to
other intentional radiators which, in accordance with Section 15.31(d), must be measured at the installation
site. However, the installer is responsible for ensuring that the proper antenna is employed so that the limits
in this Part are not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com