Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-KW40Z Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # USB-KW40Z
Description  Freescale USB Development Board USB-KW40Z Users Guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW40Z Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button USB-KW40Z Datasheet HTML 3Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 4Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 5Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 6Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 7Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 8Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 9Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 10Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Freescale USB Development Board USB-KW40Z User’s Guide, Rev. 0, 10/2015
Freescale Semiconductor, Inc
7
USB-KW40Z development board
4
USB-KW40Z development board
4.1
USB-KW40Z board overview
The USB-KW40Z board is an evaluation board based on the Freescale MKW40Z160 SoC. The
USB-KW40Z provides a platform to evaluate the MKW40Z160 SoC device and to develop software and
applications. The core device is accompanied by a the 32 MHz reference oscillator crystal, RF circuitry
including antenna, and supporting circuitry.
The USB-KW40Z board is intended as the core PCB for MKW40Z160 device evaluation and application
development, and can be used as a simple standalone valuation solution or as packet sniffer.
4.1.1
PCB features
The USB-KW40Z board provides the following features:
•
USB small form factor
•
4-Layer metal, 0.062 inch thick FR4 board
•
LGA footprint and power supply bypass mode
•
Printed Meander Antenna and footprint for installing a (user supplied) MMCX connector
•
32 MHz reference oscillator crystal
•
32 kHz crystal provided for optional timing oscillator
•
Secondary (MK22FN512) device to use as voltage regulator and MCU processor for BLE sniffer.
4.1.2
Form factor
Figure 3 shows the USB-KW40Z development board layout and footprint.
Figure 3. USB-KW40Z top side (component side) footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com