Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-KW40Z Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # USB-KW40Z
Description  Freescale USB Development Board USB-KW40Z Users Guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW40Z Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button USB-KW40Z Datasheet HTML 8Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 9Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 10Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 11Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 12Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 13Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 14Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 15Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Freescale USB Development Board USB-KW40Z User’s Guide, Rev. 0, 10/2015
12
Freescale Semiconductor, Inc.
USB-KW40Z development board
Figure 8. USB-KW40Z board’s optional 32.768 kHz oscillator circuit
4.2.3
Power management
There is one way to power on the USB-KW40Z board, a J5 type-A connector to supply 5 V(V_USB)
directly to the secondary MCU, that includes an internal regulator, 3.3 V output to enable theMKW40Z160
device. The USB-KW40Z power management circuit is shown in Figure 9.
Figure 9. USB-KW40Z power management circuit
Additionally, a green LED marked as D1 is available as a power indicator. For current measurements, users
can isolate the MKW40Z160 device, through SH13 cut-trace, this will disable the VCC path (including
LED).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com