Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-KW40Z Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # USB-KW40Z
Description  Freescale USB Development Board USB-KW40Z Users Guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW40Z Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button USB-KW40Z Datasheet HTML 15Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 16Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 17Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 18Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 19Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 20Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 21Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 22Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Freescale USB Development Board USB-KW40Z User’s Guide, Rev. 0, 10/2015
Freescale Semiconductor, Inc
19
USB-KW40Z development board
Figure 18. USB-KW40Z development board layout (bottom view)
4.3.1
Bill of materials
Table 2 details the common parts for all frequency bands.
Table 2. Bill of materials (common parts for all frequency bands) (Sheet 1 of 2)
Item
Qty
Reference
Value
Description
Mfg. Name
Mfg. Part Number
1
1
ANT1
MEANDER_ANT_
HORZ
PCB MEANDER ANTENNA
HORIZONTAL, NO PART TO ORDER
NO PART TO ORDER
NO PART TO ORDER
2
1
C17
0.6PF
CAP CER 0.6PF 50V +/-0.05PF C0G
0402
MURATA
GRM1555C1HR60WA01
D
31
C20 DNP
1.8PF
CAP CER 1.8PF 50V 0.25PF C0G
0402
MURATA
GRM1555C1H1R8CA01
D
4
1
C19
10PF
CAP CER 10PF 50V 5% C0G 0402
AVX
04025A100JAT2A
5
2
C4,C5
11PF
CAP CER 11PF 50V 1% C0G 0402
AVX
04025U110FAT2A
6
5
C6,C7,C23,C24,C25
12PF
CAP CER 12PF 50V 5% C0G 0402
MURATA
GRM1555C1H120JZ01D
7
2
C44,C45 DNP
18PF
CAP CER 18PF 50V 5% C0G 0402
KEMET
C0402C180J5GAC
8
2
C8,C35
1000PF
CAP CER 1000PF 50V 5% C0G 0402 MURATA
GRM1555C1H102JA01D
9
1
C34
0.01UF
CAP CER 0.01UF 16V 20% X7R 0402 AVX
0402YC103MAT2A
10
11
C16,C21,C26,C27,C28,
C29,C30,C31,C32,C33,
C36
0.1UF
CAP CER 0.1UF 10V 10% X5R 0402 KEMET
C0402C104K8PAC
11
1
C37
2.2UF
CAP CER 2.2UF 6.3V 20% X5R 0402 KEMET
C0402C225M9PACTU
12
1
D1
GREEN
LED GRN SGL 30MA SMT 0805
LITE ON
LTST-C171KGKT
13
2
D2, D3
RED
LED RED CLEAR SGL 30MA SMT
0805
LITE ON
LTST-C171KRKT
14
2
J1,J6
HDR 2X5
HDR 2X5 TH 50MIL CTR 254H AU
91L
SAMTEC
FTSH-105-04-F-D
15
1
J4 DNP
MM8030-2600B
CON COAX SMT 1.9MM SP 40H AU
MURATA
MM8030-2610B
16
1
J5
USB_TYPE_A
CON 1X4 USB_TYPE_A_MALE RA
SMT -- 178H AU
SAMTEC
USB-AM-S-S-B-SM1
17
1
L3
2.2NH
IND -- 2.2NH@500MHZ 220MA 4%
0402
MURATA
LQP15MN2N2B02
18
2
L4,L5
330 OHM
IND FER BEAD 330OHM@100MHZ
2.5A -- SMT
TDK
MPZ2012S331A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com