Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-KW40Z Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # USB-KW40Z
Description  Freescale USB Development Board USB-KW40Z Users Guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW40Z Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button USB-KW40Z Datasheet HTML 5Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 6Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 7Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 8Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 9Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 10Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 11Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 12Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Freescale USB Development Board USB-KW40Z User’s Guide, Rev. 0, 10/2015
Freescale Semiconductor, Inc
9
USB-KW40Z development board
1] Trap will add 1 to 2 dB of loss.
4.2
Functional description
The USB-KW40Z is built around the Freescale MKW40Z160 SoC in a 48-pin LGA package. The
USB-KW40Z features a IEEE Std. 802.15.4 and BLE 2.4 GHz radio frequency transceiver and a Kinetis
family ultra low-power, mixed-signal ARM Cortex-M0+ microcontroller in a single package. This board
is intended as a simple evaluation platform and as a building block for application development. The
four-layer board provides the MKW40Z160 with its required RF circuitry and a 32 MHz reference
oscillator crystal. The layout for this base level functionality can be used as a reference layout for your
target board. Figure 5 shows a simple block diagram.
Sensitivity for 1% packet error rate
(PER) (+25 °C) BLE
—
-94
—
dB
Refer to datasheet
RF Transmitter
RF Power Output
-20
—
+5
dBm Programmable in steps.
At the MMCX connector with no trap. 1
2nd harmonic
—
≤50
≤40
dBm —
3rd harmonic
—
≤50
≤40
dBm —
Regulatory Approval
FCC
—
—
—
—
Product is approved according to the FCC
part 15 standard
CE (ETSI)
—
—
—
—
Product is approved according to the EN
300 328 V1.7.1 (2006-10) standard
CE (EMC)
—
—
—
—
Product is approved according to the EN
301 489-1 V1.6.1 (2005-09) and EN 301
489-17 V1.2.1 (2002-08) standards
Safety
UL
—
—
—
—
Product is approved according to the IEC
60950-1 and EN 60950-1, First Edition
standards
Environment
RoHS
—
—
—
—
Product complies with the EU Directive
2002/95/EC of 27 January 2003
WEEE
—
—
—
—
Product complies with the EU Directive
2002/95/EC of 27 January 2003
Table 1. USB-KW40Z specifications (continued)
Parameter
Min
Typ
Max
Units
Notes/Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com