Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-KW40Z Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # USB-KW40Z
Description  Freescale USB Development Board USB-KW40Z Users Guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW40Z Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button USB-KW40Z Datasheet HTML 17Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 18Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 19Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 20Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 21Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 22Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 23Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 24Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 25Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Freescale USB Development Board USB-KW40Z User’s Guide, Rev. 0, 10/2015
Freescale Semiconductor, Inc
23
PCB manufacturing specifications
•
Copper foil
— Top and bottom copper layers must be 1 oz. copper
— Interior layers must be 1 oz. copper
•
Plating—All pad plating must be Hot Air Levelling (HAL)
5.4
Solder mask
The solder mask must meet the following requirements:
•
Solder mask type: Liquid Film Electra EMP110 or equivalent
•
Solder mask thickness: 10–30 µm
5.5
Silk screen
The silk screen must meet the following requirements:
•
Silk screen color: White
•
Silk screen must be applied after application of solder mask if solder mask is required
•
The silk screen ink must not extend into any plated-thru-holes
•
The silk screen must be clipped back to the line of resistance
5.6
Electrical PCB testing
•
All PCBs must be 100 percent tested for opens and shorts
•
Impedance measurement - An impedance measurement report is not mandatory
5.7
Packaging
Packaging for the PCBs must meet the following requirements:
•
Finished PCBs must remain in panel
•
Finished PCBs must be packed in plastic bags that do not contain silicones or sulphur materials.
These materials can degrade solderability
5.8
Hole specification/tool table
See the ncdrill-1-4.tap file included with the Gerber files and the FAB-28441.pdf file.
5.9
File description
Files included with the download include Design, Gerber, and PDF files. Gerber files are RS-274x format.
Not all files included with the Gerber files are for PCB manufacturing.
PDF files included are:
•
FAB-28441.pdf—USB- Board fabrication drawing
•
GRB-28441.zip—USB- Metal layers, solder mask, solder paste and silk screen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com