Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-KW40Z Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # USB-KW40Z
Description  Freescale USB Development Board USB-KW40Z Users Guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW40Z Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button USB-KW40Z Datasheet HTML 6Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 7Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 8Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 9Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 10Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 11Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 12Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 13Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Freescale USB Development Board USB-KW40Z User’s Guide, Rev. 0, 10/2015
10
Freescale Semiconductor, Inc.
USB-KW40Z development board
Figure 5. USB-KW40Z block diagram
4.2.1
RF performance and considerations
The USB-KW40Z board’s integrated transceiver includes a 1 mW nominal output power PA with internal
voltage controlled oscillator (VCO), integrated transmit/receive switch, on-board power supply regulation,
and full spread-spectrum encoding and decoding. Key specifications for the MKW40Z160 SoC are:
•
Nominal output power is set to 0 dBm
•
Programmable output power from -20 dBm to +5 dBm at the MMCX, no harmonic trap
•
Typical sensitivity is -102 dBm (@1% PER for 25 °C) at the MMCX (802.15.4)
•
Typical sensitivity is -91 dBm (@1% PER for 25 °C) at the MMCX (BLE)
•
Frequency range is 2360 to 2480 MHz
•
Differential bidirectional RF I/O port with integrated transmit/receive switch
•
Meander printed metal antenna for a small footprint, low cost design
•
Uses a minimum number of RF marching components and external 50:100 balun
An external 50 (bal): 100 (unbal) balun connects a single-ended 50 ohm port to the differential RF port of
the MKW40Z160 SoC’s transceiver. The layout has provision for out-of-band signal suppression
(components L3 and C20) if required. Figure 6 shows the typical topology for the RF circuitry. The RF
connector J4 has been included in the design for measurement purposes and is used as a DNP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com