Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-KW40Z Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # USB-KW40Z
Description  Freescale USB Development Board USB-KW40Z Users Guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW40Z Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  USB-KW40Z Datasheet HTML 1Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 2Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 3Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 4Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 5Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 6Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 7Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 8Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Freescale Semiconductor, Inc.
User’s Guide
© 2015 Freescale Semiconductor, Inc. All rights reserved.
1
About this guide
This manual describes the Freescale USB-KW40Z
development platform. The USB-KW40Z board is a small,
cost-effective evaluation and development board for
application prototypes and demonstration of the
MKW40Z160 SoC family of devices. This evaluation board
offers an easy-to-use mass-storage device mode flash
programmer, a virtual serial port, classic programming, and
run-control capabilities.
The MKW40Z160 SoC is an ultra low-power, highly
integrated single-chip device that enables Bluetooth Low
Energy (BLE) and/or IEEE® Std. 802.15.4/RF connectivity
for portable, extremely low-power embedded systems. The
MKW40Z160 SoC family integrates a radio transceiver
operating in the 2.36 GHz to 2.48 GHz range supporting a
range of FSK/GFSK and O-QPSK modulations, and ARM®
Cortex®- M0+ MCU, 160 KB flash memory and 20 KB
SRAM, BLE Link Layer hardware, 802.15.4 packet
processor hardware, and peripherals optimized to meet the
requirements of the target applications.
1.1
Audience
This manual is intended for system designers.
Document Number: USBKW40ZUG
Rev. 0, 10/2015
Contents
1. About this guide . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1.Audience . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2. Safety information . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2.1.FCC guidelines . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2.2.Regulatory approval for Canada (IC RSS 210) . . . 3
2.3.Electrostatic discharge considerations . . . . . . . . . . 3
2.4.Disposal instructions . . . . . . . . . . . . . . . . . . . . . . . 3
3. USB-KW40Z overview and description . . . . . . . . . . 4
3.1.Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3.2.Board features . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3.3.Serial and debug adapter . . . . . . . . . . . . . . . . . . . . 6
4. USB-KW40Z development board . . . . . . . . . . . . . . . 7
4.1.USB-KW40Z board overview . . . . . . . . . . . . . . . . 7
4.2.Functional description . . . . . . . . . . . . . . . . . . . . . . 9
4.3.Schematic, board layout, and bill of material . . . 16
5. PCB manufacturing specifications . . . . . . . . . . . . . . 21
5.1.Single PCB construction . . . . . . . . . . . . . . . . . . . 21
5.2.Panelization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
5.3.Materials . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
5.4.Solder mask . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
5.5.Silk screen . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
5.6.Electrical PCB testing . . . . . . . . . . . . . . . . . . . . . 23
5.7.Packaging . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
5.8.Hole specification/tool table . . . . . . . . . . . . . . . . 23
5.9.File description . . . . . . . . . . . . . . . . . . . . . . . . . . 23
6. Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Freescale USB Development Board
USB-KW40Z User's Guide


Similar Part No. - USB-KW40Z

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
USB-KW019032 FREESCALE-USB-KW019032 Datasheet
860Kb / 27P
USB-KW019032 Freescale USB Dongle Development Board
More results

Similar Description - USB-KW40Z

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2400-DK SILABS-CP2400-DK Datasheet
1Mb / 32P
DEVELOPMENT KIT USERS GUIDE
SI1140-DK SILABS-SI1140-DK Datasheet
230Kb / 12P
DEVELOPMENT KIT USERS GUIDE
SI3462-EVB SILABS-SI3462-EVB Datasheet
1Mb / 32P
EVALUATION BOARD USERS GUIDE
SI8232 SILABS-SI8232 Datasheet
1Mb / 16P
EVALUATION BOARD USERS GUIDE
SI8710 SILABS-SI8710 Datasheet
1Mb / 20P
EVALUATION BOARD USERS GUIDE
SI8718 SILABS-SI8718 Datasheet
1Mb / 16P
EVALUATION BOARD USERS GUIDE
logo
Freescale Semiconductor...
FRDM-KW40Z FREESCALE-FRDM-KW40Z Datasheet
1Mb / 37P
FRDM-KW40Z Freescale Freedom Development Board
FRDM-KW019032 FREESCALE-FRDM-KW019032 Datasheet
2Mb / 31P
FRDM-KW019032 Freescale Freedom Development Board
USB-KW019032 FREESCALE-USB-KW019032 Datasheet
860Kb / 27P
USB-KW019032 Freescale USB Dongle Development Board
logo
NXP Semiconductors
FRDMKW40ZUG NXP-FRDMKW40ZUG Datasheet
2Mb / 37P
FRDM-KW40Z Freescale Freedom Development Board
Rev. 2, 10/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com