Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 20 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 16Page - Texas Instruments XIO2001IPNP Datasheet HTML 17Page - Texas Instruments XIO2001IPNP Datasheet HTML 18Page - Texas Instruments XIO2001IPNP Datasheet HTML 19Page - Texas Instruments XIO2001IPNP Datasheet HTML 20Page - Texas Instruments XIO2001IPNP Datasheet HTML 21Page - Texas Instruments XIO2001IPNP Datasheet HTML 22Page - Texas Instruments XIO2001IPNP Datasheet HTML 23Page - Texas Instruments XIO2001IPNP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 141 page
background image
20
XIO2001
SCPS212I – MAY 2009 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
This table applies to CLK, CLKOUT6:0, AD31:0, C/BE[3:0], DEVSEL, FRAME, GNT5:0, INTD:A, IRDY, PAR, PERR, REQ5:0, PRST,
SERR, STOP, TRDY, SERIRQ, M66EN, and LOCK terminals.
(2)
Applies to external inputs and bidirectional buffers.
(3)
Applies to external outputs and bidirectional buffers.
6.9 PCI Bus Electrical Characteristics
over recommended operating conditions
(1)
PARAMETER
OPERATION
TEST CONDITIONS
MIN
MAX
UNIT
VIH
High-level input voltage(2)
PCIR = 3.3 V
0.5 × VDD_33
PCIR + 0.5
V
PCIR = 5 V
2.0
PCIR + 0.5
VIL
Low-level input voltage(2)
PCIR = 3.3 V
–0.5
0.3 × VDD_33
V
PCIR = 5 V
–0.5
0.8
VI
Input voltage
0
PCIR
V
VO
Output voltage(3)
0
VDD_33
V
tt
Input transition time (trise and tfall)
1
4
ns
VOH
High-level output voltage
PCIR = 3.3 V
IOH = –500 μA
0.9 × VDD_33
V
PCIR = 5 V
IOH = –2 mA
2.4
VOL
Low-level output voltage
PCIR = 3.3 V
IOH = 1500 μA
0.1 × VDD_33
V
PCIR = 5 V
IOH = 6 mA
0.55
IOZ
High-impedance, output current(3)
PCIR = 3.3 V
±10
μA
PCIR = 5 V
±70
II
Input current
PCIR = 3.3 V
±10
μA
PCIR = 5 V
±70
(1)
Applies to GRST (pullup), EXT_ARB_EN (pulldown), CLKRUN_EN (pulldown), and most GPIO (pullup).
(2)
Applies to external inputs and bidirectional buffers.
(3)
Applies to external outputs and bidirectional buffers.
(4)
Applies to PERST, GRST, and PME.
(5)
Applies to external input buffers.
6.10 3.3-V I/O Electrical Characteristics
over recommended operating conditions
(1)
PARAMETER
OPERATION
TEST CONDITIONS
MIN
MAX
UNIT
VIH
High-level input voltage(2)
VDD_33
0.7 VDD_33
VDD_33
V
VIL
VIL Low-level input voltage (2)
VDD_33
0
0.3 VDD_33
V
VI
Input voltage
0
VDD_33
V
VO
Output voltage(3)
0
VDD_33
V
tt
Input transition time (trise and tfall)
0
25
ns
Vhys
Input hysteresis(4)
0.13 VDD_33
V
VOH
High-level output voltage
VDD_33
IOH = –4 mA
0.8 VDD_33
V
VOL
Low-level output voltage
VDD_33
IOL = 4 mA
0.22 VDD_33
V
IOZ
High-impedance, output current(3)
VDD_33
VI = 0 to VDD_33
±20
μA
IOZP
High-impedance, output current with internal
pullup or pulldown resistor(1)
VDD_33
VI = 0 to VDD_33
±100
μA
II
Input current(5)
VDD_33
VI = 0 to VDD_33
±1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com