Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 69 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 65Page - Texas Instruments XIO2001IPNP Datasheet HTML 66Page - Texas Instruments XIO2001IPNP Datasheet HTML 67Page - Texas Instruments XIO2001IPNP Datasheet HTML 68Page - Texas Instruments XIO2001IPNP Datasheet HTML 69Page - Texas Instruments XIO2001IPNP Datasheet HTML 70Page - Texas Instruments XIO2001IPNP Datasheet HTML 71Page - Texas Instruments XIO2001IPNP Datasheet HTML 72Page - Texas Instruments XIO2001IPNP Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 141 page
background image
69
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Table 39. Link Control Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
9
HWAW_DIS
R
Hardware autonomous width disable. This bit is hardwired to 0b since this field is not
supported by this bridge.
8
CPM_EN
RW
Clock Power Management Enable. This bit is used to enable the bridge to use CLKREQ
for clock power management
0 = Clock Power Management is disabled. CLKREQ is held low.
1 = Clock Power Management is enabled and the bridge is permitted to use the
CLKREQ signal to allow the REFCLK input to be stopped
The default value for this is bit is determined by bit 23 (CPM_EN_DEF_OVRD) in
the general control register (offset D4h, see General Control Register).
7
ES
RW
Extended synch. This bit forces the bridge to extend the transmission of FTS ordered sets
and an extra TS2 when exiting from L1 prior to entering to L0.
0 = Normal synch (default)
1 = Extended synch
6
CCC
RW
Common clock configuration. When this bit is set, it indicates that the bridge and the
device at the opposite end of the link are operating with a common clock source. A value
of 0b indicates that the bridge and the device at the opposite end of the link are operating
with separate reference clock sources. The bridge uses this common clock configuration
information to report the L0s and L1 exit latencies.
0 = Reference clock is asynchronous (default)
1 = Reference clock is common
5
RL
R
Retrain link. This bit has no function and is read-only 0b.
4
LD
R
Link disable. This bit has no function and is read-only 0b.
3
RCB
RW
Read completion boundary. This bit is an indication of the RCB of the root complex. The
state of this bit has no affect on the bridge, since the RCB of the bridge is fixed at 128
bytes.
0 = 64 bytes (default)
1 = 128 bytes
2
RSVD
R
Reserved. Returns 0b when read.
1:0
ASLPMC
RW
Active state link PM control. This field enables and disables the active state PM. The
default value for this is bit is determined by bits 29:28 (ASPM_CTRL_DEF_OVRD) in the
general control register (offset D4h, see General Control Register).
00 = Active state PM disabled (default)
01 = L0s entry enabled
10 = L1 entry enabled
11 = L0s and L1 entry enabled
8.4.55 Link Status Register
The link status register indicates the current state of the PCI Express link. See Table 40 for a complete
description of the register contents.
PCI register offset:
82h
Register type:
Read-only
Default value:
X011h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
x
0
0
0
0
0
0
0
1
0
0
0
1
Table 40. Link Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15
LABW
R
Link autonomous bandwidth status. This bit has no function and is read-only 0b.
14
LBWM
R
Link bandwidth management status. This bit has no function and is read-only 0b.
13
DLLLA
R
Data link layer link active. This bit has no function and is read-only 0b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com