Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 41 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 37Page - Texas Instruments XIO2001IPNP Datasheet HTML 38Page - Texas Instruments XIO2001IPNP Datasheet HTML 39Page - Texas Instruments XIO2001IPNP Datasheet HTML 40Page - Texas Instruments XIO2001IPNP Datasheet HTML 41Page - Texas Instruments XIO2001IPNP Datasheet HTML 42Page - Texas Instruments XIO2001IPNP Datasheet HTML 43Page - Texas Instruments XIO2001IPNP Datasheet HTML 44Page - Texas Instruments XIO2001IPNP Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 141 page
background image
41
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
After the deassertion of PERST, the XIO2001 compares the information within the CSPLS and CSPLV fields of
the device capabilities register to the minimum power scale (MIN_POWER_SCALE) and minimum power value
(MIN_POWER_VALUE) fields in the general control register at offset D4h. See General Control Register,
General Control Register, for details. If the CSPLS and CSPLV fields are less than the MIN_POWER_SCALE
and MIN_POWER_VALUE fields, respectively, then the bridge takes the appropriate action that is defined below.
The power usage action is programmable within the bridge. The general control register includes a 3-bit
POWER_OVRD field. This field is programmable to the following options:
1. Ignore slot power limit fields.
2. Assert the PWR_OVRD terminal.
3. Disable secondary clocks as specified by the clock mask register at offset D9h (see Clock Mask Register).
4. Disable secondary clocks as specified by the clock mask register and assert the PWR_OVRD terminal.
5. Respond with unsupported request to all transactions except type 0/1 configuration transactions and set slot
power limit messages
8.3.13 PCI Express and PCI Bus Power Management
The bridge supports both software-directed power management and active state power management through
standard PCI configuration space. Software-directed registers are located in the power management capabilities
structure located at offset 48h (see Next Item Pointer Register). Active state power management control registers
are located in the PCI Express capabilities structure located at offset 70h (see Next Item Pointer Register).
During software-directed power management state changes, the bridge initiates link state transitions to L1 or
L2/L3 after a configuration write transaction places the device in a low power state. The power management
state machine is also responsible for gating internal clocks based on the power state. Table 10 identifies the
relationship between the D-states and bridge clock operation.
Table 10. Clocking In Low Power States
CLOCK SOURCE
D0/L0
D1/L1
D2/L1
D3/L2/L3
PCI express reference clock input (REFCLK)
On
On
On
On/Off
Internal PCI bus clock to bridge function
On
Off
Off
Off
The link power management (LPM) state machine manages active state power by monitoring the PCI Express
transaction activity. If no transactions are pending and the transmitter has been idle for at least the minimum time
required by the PCI Express Specification, then the LPM state machine transitions the link to either the L0s or L1
state. By reading the bridge’s L0s and L1 exit latency in the link capabilities register, the system software may
make an informed decision relating to system performance versus power savings. The ASLPMC field in the link
control register provides an L0s only option, L1 only option, or both L0s and L1 option.
8.3.14 Auto Pre-Fetch Agent
The auto pre-fetch agent is an internal logic module that will generate speculative read requests on behalf of a
PCI master to improve upstream memory read performance.
The auto pre-fetch agent will generate a read thread on the PCI-express bus when it receives an upstream
prefetchable memory read request on the PCI bus. A read thread is a sequence of one or more read requests
with contiguous read addresses. The first read of thread will be started by a master on the PCI bus requesting a
read that is forwarded to the root complex by the bridge. Each subsequent read in the thread will be initiated by
the auto pre-fetch agent. Each subsequent read will use the address that immediately follows the last address of
data in the previous read of the thread. Each read request in the thread will be assigned to an upstream request
processor. The pre-fetch agent can issue reads for two threads at one time, alternating between the threads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com