Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 29 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 25Page - Texas Instruments XIO2001IPNP Datasheet HTML 26Page - Texas Instruments XIO2001IPNP Datasheet HTML 27Page - Texas Instruments XIO2001IPNP Datasheet HTML 28Page - Texas Instruments XIO2001IPNP Datasheet HTML 29Page - Texas Instruments XIO2001IPNP Datasheet HTML 30Page - Texas Instruments XIO2001IPNP Datasheet HTML 31Page - Texas Instruments XIO2001IPNP Datasheet HTML 32Page - Texas Instruments XIO2001IPNP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 141 page
background image
29
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
A 14,532-
Ω resistor is a custom value. To eliminate the need for a custom resistor, two series resistors are
recommended: a 14,300-
Ω , 1% resistor and a 232- Ω , 1% resistor. Trace lengths must be kept short to
minimize noise coupling into the reference resistor terminals.
8.3.2.3 Reference Clock
The XIO2001 requires an external reference clock for the PCI-Express interface. The section provide information
concerning the requirements for this reference clock. The XIO2001 is designed to meet all stated specifications
when the reference clock input is within all PCI Express operating parameters. This includes both standard clock
oscillator sources or spread spectrum clock oscillator sources.
The XIO2001 supports two options for the PCI Express reference clock: a 100-MHz common differential
reference clock or a 125-MHz asynchronous single-ended reference clock. Both implementations are described
below.
The first option is a system-wide, 100-MHz differential reference clock. A single clock source with multiple
differential clock outputs is connected to all PCI Express devices in the system. The differential connection
between the clock source and each PCI Express device is point-topoint. This system implementation is referred
to as a common clock design.
The XIO2001 is optimized for this type of system clock design. The REFCLK+ and REFCLK– pins provide
differential reference clock inputs to the XIO2001. The circuit board routing rules associated with the 100-MHz
differential reference clock are the same as the 2.5-Gb/s TX and RX link routing rules itemized in 2.5-Gb/s
Transmit and Receive Links. The only difference is that the differential reference clock does not require series
capacitors. The requirement is a DC connection from the clock driver output to the XIO2001 receiver input.
Terminating the differential clock signal is circuit board design specific. But, the XIO2001 design has no internal
50-
Ω -to-ground termination resistors. Both REFCLK inputs, at approximately 20 k Ω to ground, are high-
impedance inputs.
The second option is a 125-MHz asynchronous single-ended reference clock. For this case, the devices at each
end of the PCI Express link have different clock sources. The XIO2001 has a 125-MHz single-ended reference
clock option for asynchronous clocking designs. When the REFCLK125_SEL input terminal is tied to VDD_33, this
clocking mode is enabled.
The single-ended reference clock is attached to the REFCLK+ terminal. The REFCLK+ input, at approximately
20 k
Ω , is a high-impedance input. Any clock termination design must account for a high- impedance input. The
REFCLK– pin is attached to a 0.1-
μ F capacitor. The capacitor’s second pin is connected to VSSA.
8.3.2.4 Reset
The XIO2001 PCI Express reset (PERST) terminal connects to the upstream PCI Express device’s PERST
output. The PERST input cell has hysteresis and is operational during both the main power state and VAUX power
state. No external components are required.
Please reference the section to fully understand the PERST electrical requirements and timing requirements
associated with power-up and power-down sequencing. Also, the data manual identifies all configuration and
memory-mapped register bits that are reset by PERST.
8.3.2.5 Beacon
The bridge supports the PCI Express in-band beacon feature. Beacon is driven on the upstream PCI Express link
by the bridge to request the reapplication of main power when in the L2 link state. To enable the beacon feature,
bit 10 (BEACON_ENABLE) in the general control register at offset D4h is asserted. See General Control
Register, General Control Register, for details.
If the bridge is in the L2 link state and beacon is enabled, when a secondary PCI bus device asserts PME, then
the bridge outputs the beacon signal on the upstream PCI Express link. The beacon signal frequency is
approximately 500 kHz ± 50% with a differential peak-to-peak amplitude of 500 mV and no de-emphasis. Once
the beacon is activated, the bridge continues to send the beacon signal until main power is restored as indicated
by PERST going inactive. At this time, the beacon signal is deactivated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com