Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 91 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 87Page - Texas Instruments XIO2001IPNP Datasheet HTML 88Page - Texas Instruments XIO2001IPNP Datasheet HTML 89Page - Texas Instruments XIO2001IPNP Datasheet HTML 90Page - Texas Instruments XIO2001IPNP Datasheet HTML 91Page - Texas Instruments XIO2001IPNP Datasheet HTML 92Page - Texas Instruments XIO2001IPNP Datasheet HTML 93Page - Texas Instruments XIO2001IPNP Datasheet HTML 94Page - Texas Instruments XIO2001IPNP Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 141 page
background image
91
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
8.5 PCI Express Extended Configuration Space
The programming model of the PCI Express extended configuration space is compliant to the PCI Express Base
Specification and the PCI Express to PCI/PCI-X Bridge Specification programming models. The PCI Express
extended configuration map uses the PCI Express advanced error reporting capability.
All bits marked with a
☆ are sticky bits and are reset by a global reset (GRST) or the internally-generated power-
on reset. All bits marked with a
☆ are reset by a PCI Express reset (PERST), a GRST, or the internally-
generated power-on reset. The remaining register bits are reset by a PCI Express hot reset, PERST, GRST, or
the internally-generated power-on reset.
Table 63. PCI Express Extended Configuration Register Map
REGISTER NAME
OFFSET
Next capability offset / capability version(1)
PCI Express advanced error reporting capabilities ID(1)
100h
Uncorrectable error status register
104h
Uncorrectable error mask register
108h
Uncorrectable error severity register
10Ch
Correctable error status register
110h
Correctable error mask
114h
Advanced error capabilities and control
118h
Header log register
11Ch
Header log register
120h
Header log register
124h
Header log register
128h
Secondary uncorrectable error status
12Ch
Secondary uncorrectable error mask
130h
Secondary uncorrectable error severity register
134h
Secondary error capabilities and control register
138h
Secondary header log register
13Ch
Secondary header log register
140h
Secondary header log register
144h
Secondary header log register
148h
Reserved
14Ch–FFCh
8.5.1 Advanced Error Reporting Capability ID Register
This read-only register identifies the linked list item as the register for PCI Express advanced error reporting
capabilities. The register returns 0001h when read.
PCI Express extended register offset:
100h
Register type:
Read-only
Default value:
0001h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com