Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 35 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 31Page - Texas Instruments XIO2001IPNP Datasheet HTML 32Page - Texas Instruments XIO2001IPNP Datasheet HTML 33Page - Texas Instruments XIO2001IPNP Datasheet HTML 34Page - Texas Instruments XIO2001IPNP Datasheet HTML 35Page - Texas Instruments XIO2001IPNP Datasheet HTML 36Page - Texas Instruments XIO2001IPNP Datasheet HTML 37Page - Texas Instruments XIO2001IPNP Datasheet HTML 38Page - Texas Instruments XIO2001IPNP Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 141 page
background image
CLK
FRAME
LOCK
IRDY
35
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Figure 16. Continuing a Locked Sequence
Because PCI Express does not have a unique locked-memory write request packet, all PCI Express memory
write requests that are received while the bridge is locked are considered part of the locked sequence and are
transmitted to PCI as locked-memory write transactions.
The bridge terminates the locked sequence when an unlock message is received from PCI Express and all
previous locked transactions have been completed.
Figure 17. Terminating a Locked Sequence
In the erroneous case that a normal downstream memory read request is received during a locked sequence, the
bridge responds with an unsupported request completion status. Note that this condition must never occur,
because the PCI Express Specification requires the root complex to block normal memory read requests at the
source. All locked sequences that end successfully or with an error condition must be immediately followed by an
unlock message. This unlock message is required to return the bridge to a known unlocked state.
8.3.8 Two-Wire Serial-Bus Interface
The bridge provides a two-wire serial-bus interface to load subsystem identification information and specific
register defaults from an external EEPROM. The serial-bus interface signals (SDA and SCL) are shared with two
of the GPIO terminals (3 and 4). If the serial bus interface is enabled, then the GPIO3 and GPIO4 terminals are
disabled. If the serial bus interface is disabled, then the GPIO terminals operate as described in General-Purpose
I/O Interface.
8.3.8.1 Serial-Bus Interface Implementation
To enable the serial-bus interface, a pullup resistor must be implemented on the SCL signal. At the rising edge of
PERST or GRST, whichever occurs later in time, the SCL terminal is checked for a pullup resistor. If one is
detected, then bit 3 (SBDETECT) in the serial-bus control and status register (see Serial-Bus Control and Status
Register) is set. Software may disable the serial-bus interface at any time by writing a 0b to the SBDETECT bit. If
no external EEPROM is required, then the serial-bus interface is permanently disabled by attaching a pulldown
resistor to the SCL signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com