Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 27 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 23Page - Texas Instruments XIO2001IPNP Datasheet HTML 24Page - Texas Instruments XIO2001IPNP Datasheet HTML 25Page - Texas Instruments XIO2001IPNP Datasheet HTML 26Page - Texas Instruments XIO2001IPNP Datasheet HTML 27Page - Texas Instruments XIO2001IPNP Datasheet HTML 28Page - Texas Instruments XIO2001IPNP Datasheet HTML 29Page - Texas Instruments XIO2001IPNP Datasheet HTML 30Page - Texas Instruments XIO2001IPNP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 141 page
background image
27
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Feature Description (continued)
Table 1. XIO2001 Reset Options
RESET
OPTION
XIO2001 FEATURE
RESET RESPONSE
Bridge
internally-
generated
power-on reset
During a power-on cycle, the bridge asserts an internal reset
and monitors the VDD_15_COMB terminal. When this terminal
reaches 90% of the nominal input voltage specification,
power is considered stable. After stable power, the bridge
monitors the PCI Express reference clock (REFCLK) and
waits 10
μs after active clocks are detected. Then, internal
power-on reset is deasserted.
When the internal power-on reset is asserted, all control
registers, state machines, sticky register bits, and power
management state machines are initialized to their default
state.
In addition, the XIO2001 asserts the internal PCI bus reset.
Global reset
input
GRST
When GRST is asserted low, an internal power-on reset
occurs. This reset is asynchronous and functions during
both normal power states and VAUX power states.
When GRST is asserted low, all control registers, state
machines, sticky register bits, and power management
state machines are initialized to their default state. In
addition, the bridge asserts PCI bus reset (PRST). When
the rising edge of GRST occurs, the bridge samples the
state of all static control inputs and latches the information
internally. If an external serial EEPROM is detected, then a
download cycle is initiated. Also, the process to configure
and initialize the PCI Express link is started. The bridge
starts link training within 80 ms after GRST is deasserted.
PCI Express
reset input
PERST
This XIO2001 input terminal is used by an upstream PCI
Express device to generate a PCI Express reset and to
signal a system power good condition.
When PERST is asserted low, all control register bits that
are not sticky are reset. Within the configuration register
maps, the sticky bits are indicated by the
☆ symbol. Also,
all state machines that are not associated with sticky
functionality are reset.
When PERST is asserted low, the XIO2001 generates an
internal PCI Express reset as defined in the PCI Express
specification.
When PERST transitions from low to high, a system power
good condition is assumed by the XIO2001.
In addition, the XIO2001 asserts the internal PCI bus reset.
Note: The system must assert PERST before power is
removed, before REFCLK is removed or before REFCLK
becomes unstable.
When the rising edge of PERST occurs, the XIO2001
samples the state of all static control inputs and latches
the information internally. If an external serial EEPROM is
detected, then a download cycle is initiated. Also, the
process to configure and initialize the PCI Express link is
started. The XIO2001 starts link training within 80 ms after
PERST is deasserted.
PCI Express
training control
hot reset
The XIO2001 responds to a training control hot reset
received on the PCI Express interface. After a training
control hot reset, the PCI Express interface enters the
DL_DOWN state.
In the DL_DOWN state, all remaining configuration register
bits and state machines are reset. All remaining bits
exclude sticky bits and EEPROM loadable bits. All
remaining state machines exclude sticky functionality and
EEPROM functionality.
Within the configuration register maps, the sticky bits are
indicated by the
☆ symbol and the EEPROM loadable bits
are indicated by the † symbol.
In addition, the XIO2001 asserts the internal PCI bus reset.
PCI bus reset
PRST
System software has the ability to assert and deassert the
PRST terminal on the secondary PCI bus interface. This
terminal is the PCI bus reset.
When bit 6 (SRST) in the bridge control register at offset
3Eh (see Bridge Control Register) is asserted, the bridge
asserts the PRST terminal. A 0 in the SRST bit deasserts
the PRST terminal.
8.3.2 PCI Express Interface
The XIO2001 has an x1 PCI Express interface that runs at 2.5 Gb/s and is fully compliant to the PCI Express
Base Specification , Revision 2.0. The remainder of this section describes implementation considerations for the
XIO2001 primary PCI Express interface.
8.3.2.1 2.5-Gb/s Transmit and Receive Links
The XIO2001 TX and RX terminals attach to the upstream PCI Express device over a 2.5-Gb/s high- speed
differential transmit and receive PCI Express × 1 Link. The connection details are provided in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com