Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 39 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 35Page - Texas Instruments XIO2001IPNP Datasheet HTML 36Page - Texas Instruments XIO2001IPNP Datasheet HTML 37Page - Texas Instruments XIO2001IPNP Datasheet HTML 38Page - Texas Instruments XIO2001IPNP Datasheet HTML 39Page - Texas Instruments XIO2001IPNP Datasheet HTML 40Page - Texas Instruments XIO2001IPNP Datasheet HTML 41Page - Texas Instruments XIO2001IPNP Datasheet HTML 42Page - Texas Instruments XIO2001IPNP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 141 page
background image
39
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Table 8. EEPROM Register Loading Map (continued)
SERIAL EEPROM WORD
ADDRESS
BYTE DESCRIPTION
16h
PCI C7h, control and diagnostic register, byte 3
17h
PCI C8h, control and diagnostic register, byte 0
18h
PCI C9h, control and diagnostic register, byte 1
19h
PCI CAh, control and diagnostic register, byte 2
1Ah
PCI CBh, control and diagnostic register, byte 3
1Bh
Reserved—no bits loaded
1Ch
Reserved—no bits loaded
1Dh
PCI E0h, serial IRQ mode control
1Eh
PCI E2h, serial IRQ edge control, byte 0
1Fh
PCI E3h, serial IRQ edge control, byte 1
20h
PCI E8h, PFA_REQ_LENGTH_LIMIT
21h
PCI E9h, PFA_REQ_CNT_LIMIT
22h
PCI EAh, CACHE_TMR_XFR_LIMIT
23h
PCI ECh, CACHE_TIMER_LOWER_LIMIT, Byte 0
24h
PCI EDh, CACHE_TIMER_LOWER_LIMIT, Byte 1
25h
PCI EEh, CACHE_TIMER_UPPER_LIMIT, Byte 0
26h
PCI EFh, CACHE_TIMER_UPPER_LIMIT, Byte 1
27h
End-of-list indicator (80h)
This format must be explicitly followed for the bridge to correctly load initialization values from a serial EEPROM.
All byte locations must be considered when programming the EEPROM.
The serial EEPROM is addressed by the bridge at slave address 1010 000b. This slave address is internally
hardwired and cannot be changed by the system designer. Therefore, all three hardware address bits for the
EEPROM are tied to VSS to achieve this address. The serial EEPROM in the sample application circuit
(Figure 18) assumes the 1010b high-address nibble. The lower three address bits are terminal inputs to the chip,
and the sample application shows these terminal inputs tied to VSS.
During an EEPROM download operation, bit 4 (ROMBUSY) in the serial-bus control and status register is
asserted. After the download is finished, bit 0 (ROM_ERR) in the serial-bus control and status register may be
monitored to verify a successful download.
8.3.8.4 Accessing Serial-Bus Devices Through Software
The bridge provides a programming mechanism to control serial-bus devices through system software. The
programming is accomplished through a doubleword of PCI configuration space at offset B0h. Table 9 lists the
registers that program a serial-bus device through software.
Table 9. Registers Used To Program Serial-Bus Devices
PCI OFFSET
REGISTER NAME
DESCRIPTION
B0h
Serial-bus data (see
Serial-Bus Data Register)
Contains the data byte to send on write commands or the received data byte on read
commands.
B1h
Serial-bus word address
(see Serial-Bus Word
Address Register)
The content of this register is sent as the word address on byte writes or reads. This register is
not used in the quick command protocol. Bit 7 (PROT_SEL) in the serial-bus control and status
register (offset B3h, see Serial-Bus Control and Status Register) is set to 1b to enable the slave
address to be sent.
B2h
Serial-bus slave address
(see Serial-Bus Slave
Address Register )
Write transactions to this register initiate a serial-bus transaction. The slave device address and
the R/W command selector are programmed through this register.
B3h
Serial-bus control and
status (see Serial-Bus
Control and Status
Register)
Serial interface enable, busy, and error status are communicated through this register. In
addition, the protocol-select bit (PROT_SEL) and serial-bus test bit (SBTEST) are programmed
through this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com