Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 38 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 34Page - Texas Instruments XIO2001IPNP Datasheet HTML 35Page - Texas Instruments XIO2001IPNP Datasheet HTML 36Page - Texas Instruments XIO2001IPNP Datasheet HTML 37Page - Texas Instruments XIO2001IPNP Datasheet HTML 38Page - Texas Instruments XIO2001IPNP Datasheet HTML 39Page - Texas Instruments XIO2001IPNP Datasheet HTML 40Page - Texas Instruments XIO2001IPNP Datasheet HTML 41Page - Texas Instruments XIO2001IPNP Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 141 page
background image
38
XIO2001
SCPS212I – MAY 2009 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Figure 23 illustrates the serial interface protocol during a multi-byte serial EEPROM download. The serial-bus
protocol starts exactly the same as a 1-byte read. The only difference is that multiple data bytes are transferred.
The number of transferred data bytes is controlled by the bridge master. After each data byte, the bridge master
issues acknowledge (logic low) if more data bytes are requested. The transfer ends after a bridge master no
acknowledge (logic high) followed by a stop condition.
Figure 23. Serial-Bus Protocol – Multibyte Read
Bit 7 (PROT_SEL) in the serial-bus control and status register changes the serial-bus protocol. Each of the three
previous serial-bus protocol figures illustrates the PROT_SEL bit default (logic low). When this control bit is
asserted, the word address and corresponding acknowledge are removed from the serial-bus protocol. This
feature allows the system designer a second serial-bus protocol option when selecting external EEPROM
devices.
8.3.8.3 Serial-Bus EEPROM Application
The registers and corresponding bits that are loaded through the EEPROM are provided in Table 8.
Table 8. EEPROM Register Loading Map
SERIAL EEPROM WORD
ADDRESS
BYTE DESCRIPTION
00h
PCI-Express to PCI bridge function indicator (00h)
01h
Number of bytes to download (25h)
02h
PCI 44h, subsystem vendor ID, byte 0
03h
PCI 45h, subsystem vendor ID, byte 1
04h
PCI 46h, subsystem ID, byte 0s
05h
PCI 47h, subsystem ID, byte 1s
06h
PCI D4h, general control, byte 0
07h
PCI D5h, general control, byte 1
08h
PCI D6h, general control, byte 2
09h
PCI D7h, general control, byte 3
0Ah
PCI D8h, clock control
0Bh
PCI D9h, clock mask
0Ch
Reserved—no bits loaded
0Dh
PCI DCh, arbiter control
0Eh
PCI DDh, arbiter request mask
0Fh
PCI C0h, control and diagnostic register, byte 0
10h
PCI C1h, control and diagnostic register, byte 1
11h
PCI C2h, control and diagnostic register, byte 2
12h
PCI C3h, control and diagnostic register, byte 3
13h
PCI C4h, control and diagnostic register, byte 0
14h
PCI C5h, control and diagnostic register, byte 1
15h
PCI C6h, control and diagnostic register, byte 2
15h
PCI C6h, control and diagnostic register, byte 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com