Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 77 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 73Page - Texas Instruments XIO2001IPNP Datasheet HTML 74Page - Texas Instruments XIO2001IPNP Datasheet HTML 75Page - Texas Instruments XIO2001IPNP Datasheet HTML 76Page - Texas Instruments XIO2001IPNP Datasheet HTML 77Page - Texas Instruments XIO2001IPNP Datasheet HTML 78Page - Texas Instruments XIO2001IPNP Datasheet HTML 79Page - Texas Instruments XIO2001IPNP Datasheet HTML 80Page - Texas Instruments XIO2001IPNP Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 141 page
background image
77
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
8.4.66 General Control Register
This read/write register controls various functions of the bridge. See Table 49 for a complete description of the
register contents.
PCI register offset:
D4h
Register type:
Read-only, Read/Write
Default value:
8600 025Fh
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
1
0
0
0
0
1
1
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
1
0
0
1
0
1
1
1
1
1
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
Table 49. General Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:30(1)
CFG_RETRY_CN
TR
RW
Configuration retry counter. Configures the amount of time that a configuration request must be
retried on the secondary PCI bus before it may be completed with configuration retry status on
the PCI Express side.
00 =
01 =
10 =
11 =
25
μs
1 ms
25 ms (default)
50 ms
29:28(1)
ASPM_CTRL_DE
F_OVRD
RW
Active State Power Management Control Default Override. These bits are used to determine the
power up default for bits 1:0 of the Link Control Register in the PCI Express Capability Structure.
00 =
01 =
10 =
11 =
Power on default indicates that the active state power management is disable (00b)
(default)
Power on default indicates that the active state power management is enabled for L0s
(01b)
Power on default indicates that the active state power management is enabled for L1s
(10b)
Power on default indicates that the active state power management is enabled for L0s
and L1s (11b)
27(1)
LOW_POWER_E
N
RW
Low-power enable. When this bit is set, the half-amplitude, no pre-emphasis mode for the PCI
Express TX drivers is enabled. The default for this bit is 0b.
26(1)
PCI_PM_VERSIO
N_CTRL
RW
PCI power management version control. This bit controls the value reported in bits 2:0
(PM_VERSION) in the power management capabilities register (offset 4Ah, see Power
Management Capabilities Register). It also controls the value of bit 3 (NO_SOFT_RESET) in the
power management control/status register (offset 4Ch, see Power Management Control/Status
Register).
0 = Version fields reports 010b and NO_SOFT_RESET reports 0b for Power
Management 1.1 compliance
1 = Version fields reports 011b and NO_SOFT_RESET reports 1b for Power
Management 1.2 compliance (default)
25(1)
RSVD
RW
Reserved. Bit 25 defaults to 0b. If this register is programmed via EEPROM or another
mechanism, then the value written into this field must be 0b.
24
RSVD
R
Reserved. Returns 0b when read.
23(1)
CPM_EN_DEF_O
VRD
RW
Clock power management enable default override. This bit determines the power-up default for
bits 1:0 (CPM_EN) of the link control register (offset 80h, see Link Control Register) in the PCI
Express Capability structure.
0 = Power-on default indicates that clock power management is disabled (00b) (default)
1 = Power-on default indicates that clock power management is enabled for L0s and L1
(11b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com