Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 43 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 39Page - Texas Instruments XIO2001IPNP Datasheet HTML 40Page - Texas Instruments XIO2001IPNP Datasheet HTML 41Page - Texas Instruments XIO2001IPNP Datasheet HTML 42Page - Texas Instruments XIO2001IPNP Datasheet HTML 43Page - Texas Instruments XIO2001IPNP Datasheet HTML 44Page - Texas Instruments XIO2001IPNP Datasheet HTML 45Page - Texas Instruments XIO2001IPNP Datasheet HTML 46Page - Texas Instruments XIO2001IPNP Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 141 page
background image
43
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Register Maps (continued)
Table 11. Classic PCI Configuration Register Map (continued)
REGISTER NAME
OFFSET
Device Capabilities 2
094h
Device Status 2
Device Control 2
098h
Link Capabilities 2
09Ch
Link Status 2
Link Control 2
0A0h
Slot Capabilities 2
0A4h
Slot Status 2
Slot Control 2
0A8h
Reserved
0ACh
Serial-bus control and
status(1)
Serial-bus slave address(1)
Serial-bus word address(1)
Serial-bus data(1)
0B0h
GPIO data(1)
GPIO control(1)
0B4h
Reserved
0B8h–0BCh
TL Control and diagnostic register 0(1)
0C0h
DLL Control and diagnostic register 1(1)
0C4h
PHY Control and diagnostic register 2(1)
0C8h
Reserved
0CCh
Subsystem access(1)
0D0h
General control(1)
0D4h
Reserved
Clock run status(1)
Clock mask
Clock control
0D8h
Reserved
Arbiter time-out status
Arbiter request mask(1)
Arbiter control(1)
0DCh
Serial IRQ edge control(1)
Reserved
Serial IRQ mode control(1)
0E0h
Reserved
Serial IRQ status
0E4h
Cache Timer Transfer Limit
PFA Request Limit
0E8h
Cache Timer Upper Limit
Cache Timer Lower Limit
0ECh
Reserved
0F0h–0FCh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com