Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 10 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 6Page - Texas Instruments XIO2001IPNP Datasheet HTML 7Page - Texas Instruments XIO2001IPNP Datasheet HTML 8Page - Texas Instruments XIO2001IPNP Datasheet HTML 9Page - Texas Instruments XIO2001IPNP Datasheet HTML 10Page - Texas Instruments XIO2001IPNP Datasheet HTML 11Page - Texas Instruments XIO2001IPNP Datasheet HTML 12Page - Texas Instruments XIO2001IPNP Datasheet HTML 13Page - Texas Instruments XIO2001IPNP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 141 page
background image
10
XIO2001
SCPS212I – MAY 2009 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Pin Functions
SIGNAL
ZGU
BALL
NO.
ZAJ
BALL NO.
PNP
PIN NO.
I/O
TYPE
CELL
TYPE
CLAMP
RAIL
EXTERNAL
PARTS
DESCRIPTION
PCI EXPRESS
CLKREQ
D11
D11
91
0
LV
CMOS
VDD_33_
COMBIO
–
Clock request. When asserted low, requests
upstream device start clock in cases where clock
may be removed in L1.
Note: Since CLKREQ is an open-drain
output buffer, a system side pullup resistor
is required.
PERST
H11
H11
77
I
LV
CMOS
VDD_33_
COMBIO
–
PCI Express reset input. The PERST signal
identifies when the system power is stable and
generates an internal power on reset.
Note:
The
PERST
input
buffer
has
hysteresis.
REFCLK125_SEL
B13
A13
95
I
LV
CMOS
VDD_33
Pullup or
pulldown
resistor
Reference clock select. This terminal selects the
reference clock input.
0 = 100-MHz differential common reference
clock used.
1 = 125-MHz single-ended, reference clock
used.
REFCLK+
C13
C13
93
DI
HS DIFF
IN
VDD_33
–
Reference clock. REFCLK+ and REFCLK–
comprise the differential input pair for the 100-
MHz system reference clock. For a single-ended,
125-MHz system reference clock, use the
REFCLK+ input.
REFCLK–
C12
B13
94
DI
HS DIFF
IN
VDD_33
Capacitor
for VSS for
single-
ended node
Reference clock. REFCLK+ and REFCLK–
comprise the differential input pair for the 100-
MHz system reference clock. For a single-ended,
125-MHz system reference clock, attach a
capacitor from REFCLK– to VSS.
REF0_PCIE
REF1_PCIE
K12
K13
M13
L13
71
72
I/O
BIAS
–
External
resistor
External reference resistor + and – terminals for
setting TX driver current. An external resistance
of 14,532-
Ω is connected between REF0_PCIE
and REF1_PCIE terminals. To eliminate the need
for a custom resistor, two series resistors are
recommended: a 14.3-k
Ω, 1% resistor and a 232-
Ω, 1% resistor.
RXP
RXN
E13
E12
E13
D13
87
88
DI
HS DIFF
IN
VSS
–
High-speed receive pair. RXP and RXN comprise
the differential receive pair for the single PCI
Express lane supported.
TXP
TXN
G13
G12
H13
G13
80
81
DO
HS DIFF
OUT
VDD_15
Series
capacitor
High-speed transmit pair. TXP and TXN comprise
the differential transmit pair for the single PCI
Express lane supported.
WAKE
M13
L12
68
O
LV
CMOS
VDD_33_
COMBIO
–
Wake is an active low signal that is driven low to
reactivate the PCI Express link hierarchy’s main
power rails and reference clocks.
Note: Since WAKE is an open-drain output
buffer, a system side pullup resistor is
required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com