Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 83 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 79Page - Texas Instruments XIO2001IPNP Datasheet HTML 80Page - Texas Instruments XIO2001IPNP Datasheet HTML 81Page - Texas Instruments XIO2001IPNP Datasheet HTML 82Page - Texas Instruments XIO2001IPNP Datasheet HTML 83Page - Texas Instruments XIO2001IPNP Datasheet HTML 84Page - Texas Instruments XIO2001IPNP Datasheet HTML 85Page - Texas Instruments XIO2001IPNP Datasheet HTML 86Page - Texas Instruments XIO2001IPNP Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 141 page
background image
83
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
8.4.71 Arbiter Request Mask Register
The arbiter request mask register enables and disables support for requests from specific masters on the
secondary bus. The arbiter request mask register also controls if a request input is automatically masked on an
arbiter time-out. See Table 54 for a complete description of the register contents.
PCI register offset:
DDh
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
Table 54. Arbiter Request Mask Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7(1)
ARB_TIMEOUT
RW
Arbiter time-out. This bit enables the arbiter time-out feature. The arbiter time-out is
defined as the number of PCI clocks after the PCI bus has gone idle for a device to assert
FRAME before the arbiter assumes the device will not respond.
0 = Arbiter time disabled (default)
1 = Arbiter time-out set to 16 PCI clocks
6(1)
AUTO_MASK
RW
Automatic request mask. This bit enables automatic request masking when an arbiter
time-out occurs.
0 = Automatic request masking disabled (default)
1 = Automatic request masking enabled
5(1)
REQ5_MASK
RW
Request 5 (REQ5) Mask. Setting this bit forces the internal arbiter to ignore requests
signal on request input 0.
0 = Use request 5 (default)
1 = Ignore request 5
4(1)
REQ4_MASK
RW
Request 4 (REQ4) Mask. Setting this bit forces the internal arbiter to ignore requests
signal on request input 0.
0 = Use request 4 (default)
1 = Ignore request 4
3(1)
REQ3_MASK
RW
Request 3 (REQ3) Mask. Setting this bit forces the internal arbiter to ignore requests
signal on request input 0.
0 = Use request 3 (default)
1 = Ignore request 3
2(1)
REQ2_MASK
RW
Request 2 (REQ2) Mask. Setting this bit forces the internal arbiter to ignore requests
signal on request input 0.
0 = Use request 2 (default)
1 = Ignore request 2
1(1)
REQ1_MASK
RW
Request 1 (REQ1) Mask. Setting this bit forces the internal arbiter to ignore requests
signal on request input 0.
0 = Use request 2 (default)
1 = Ignore request 2
0(1)
REQ0_MASK
RW
Request 0 (REQ0) Mask. Setting this bit forces the internal arbiter to ignore requests
signal on request input 0.
0 = Use request 0 (default)
1 = Ignore request 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com