Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 51 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 47Page - Texas Instruments XIO2001IPNP Datasheet HTML 48Page - Texas Instruments XIO2001IPNP Datasheet HTML 49Page - Texas Instruments XIO2001IPNP Datasheet HTML 50Page - Texas Instruments XIO2001IPNP Datasheet HTML 51Page - Texas Instruments XIO2001IPNP Datasheet HTML 52Page - Texas Instruments XIO2001IPNP Datasheet HTML 53Page - Texas Instruments XIO2001IPNP Datasheet HTML 54Page - Texas Instruments XIO2001IPNP Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 141 page
background image
51
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
8.4.18 Secondary Status Register
The secondary status register provides information about the PCI bus interface. See Table 18 for a complete
description of the register contents.
PCI register offset:
1Eh
Register type:
Read-only, Read/Clear
Default value:
02X0h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
1
0
1
0
0
0
0
0
0
0
Table 18. Secondary Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15
PAR_ERR
RCU
Detected parity error. This bit reports the detection of an uncorrectable address, attribute, or data
error by the bridge on its internal PCI bus secondary interface. This bit must be set when any of the
following three conditions are true:
• The bridge detects an uncorrectable address or attribute error as a potential target.
• The bridge detects an uncorrectable data error when it is the target of a write transaction.
• The bridge detects an uncorrectable data error when it is the master of a read transaction
(immediate read data).
The bit is set irrespective of the state of bit 0 (PERR_EN) in the bridge control register at offset 3Eh
(see Bridge Control Register).
0 = Uncorrectable address, attribute, or data error not detected on secondary interface
1 = Uncorrectable address, attribute, or data error detected on secondary interface
14
SYS_ERR
RCU
Received system error. This bit is set when the bridge detects an SERR assertion.
0 = No error asserted on the PCI interface
1 = SERR asserted on the PCI interface
13
MABORT
RCU
Received master abort. This bit is set when the PCI interface of the bridge reports the detection of a
master abort termination by the bridge when it is the master of a transaction on its secondary
interface.
0 = Master abort not received on the PCI interface
1 = Master abort received on the PCI interface
12
TABORT_REC
RCU
Received target abort. This bit is set when the PCI interface of the bridge receives a target abort.
0 = Target abort not received on the PCI interface
1 = Target abort received on the PCI interface
11
TABORT_SIG
RCU
Signaled target abort. This bit reports the signaling of a target abort termination by the bridge when it
responds as the target of a transaction on its secondary interface.
0 = Target abort not signaled on the PCI interface
1 = Target abort signaled on the PCI interface
10:9
PCI_SPEED
R
DEVSEL timing. These bits are 01b indicating that this is a medium speed decoding device.
8
DATAPAR
RCU
Master data parity error. This bit is set if the bridge is the bus master of the transaction on the PCI
bus, bit 0 (PERR_EN) in the bridge control register (offset 3Eh see Bridge Control Register) is set,
and the bridge either asserts PERR on a read transaction or detects PERR asserted on a write
transaction.
0 = No data parity error detected on the PCI interface
1 = Data parity error detected on the PCI Interface
7
FBB_CAP
R
Fast back-to-back capable. This bit returns a 1b when read indicating that the secondary PCI
interface of bridge supports fast back-to-back transactions.
6
RSVD
R
Reserved. Returns 0b when read.
5
66MHZ
R
66-MHz capable. The bridge operates at a PCI bus CLK frequency of 66 MHz; therefore, this bit
always returns a 1b.
4:0
RSVD
R
Reserved. Returns 00000b when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com