Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 78 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 74Page - Texas Instruments XIO2001IPNP Datasheet HTML 75Page - Texas Instruments XIO2001IPNP Datasheet HTML 76Page - Texas Instruments XIO2001IPNP Datasheet HTML 77Page - Texas Instruments XIO2001IPNP Datasheet HTML 78Page - Texas Instruments XIO2001IPNP Datasheet HTML 79Page - Texas Instruments XIO2001IPNP Datasheet HTML 80Page - Texas Instruments XIO2001IPNP Datasheet HTML 81Page - Texas Instruments XIO2001IPNP Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 141 page
background image
78
XIO2001
SCPS212I – MAY 2009 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Table 49. General Control Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
(2)
These bits are sticky and must retain their value when the bridge is powered by VAUX.
22:20(1)
POWER_OVRD
RW
Power override. This bit field determines how the bridge responds when the slot power limit is
less than the amount of power required by the bridge and the devices behind the bridge.
000 = Ignore slot power limit (default).
001 = Assert the PWR_OVRD terminal.
010 = Disable secondary clocks selected by the clock mask register.
011 = Disable secondary clocks selected by the clock mask register and assert the
PWR_OVRD terminal.
100 = Respond with unsupported request to all transactions except for configuration
transactions (type 0 or type 1) and set slot power limit messages.
101,110,
111 =
Reserved
19(1)
READ_PREFETC
H_DIS
RW
Read Prefetch Disable. This bit is used to control the pre-fetch functionality on PCI memory read
transactions.
0 = Memory read, memory read line, and memory read multiple will be treated as
prefetchable reads (default)
1 = Memory read line, and memory read multiple will be treated as pre-fetchable reads.
Memory read will not be prefetchable. No auto-prefetch reads will be made for these
requests.
18:16(1)
L0s_LATENCY
RW
L0s maximum exit latency. This field programs the maximum acceptable latency when exiting the
L0s state. This sets bits 8:6 (EP_L0S_LAT) in the device capabilities register (offset 74h, see
Device Capabilities Register).
000 =
001 =
010 =
011 =
100 =
101 =
110 =
111 =
Less than 64 ns (default)
64 ns up to less than 128 ns
128 ns up to less than 256 ns
256 ns up to less than 512 ns
512 ns up to less than 1
μs
1
μs up to less than 2 μs
2
μs to 4 μs
More than 4
μs
15:13(1)
L1_LATENCY
RW
L1 maximum exit latency. This field programs the maximum acceptable latency when exiting the
L1 state. This sets bits 11:9 (EP_L1_LAT) in the device capabilities register (offset 74h, see
Device Capabilities Register).
000 =
001 =
010 =
011 =
100 =
101 =
110 =
111 =
Less than 1
μs (default)
1
μs up to less than 2 μs
2
μs up to less than 4 μs
4
μs up to less than 8 μs
8
μs up to less than 16 μs
6
μs up to less than 32 μs
32
μs to 64 μs
More than 64
μs
12(1)
VC_CAP_EN
R
VC Capability Structure Enable. This bit is hardwired to 0b indicating that the VC Capability
structure is permanently disabled.
11(2)
BPCC_E
RW
Bus power clock control enable. This bit controls whether the secondary bus PCI clocks are
stopped when the XIO2001 is placed in the D3 state. It is assumed that if the secondary bus
clocks are required to be active, that a reference clock continues to be provided on the PCI
Express interface.
0 = Secondary bus clocks are not stopped in D3 (default)
1 = Secondary bus clocks are stopped on D3
10(2)
BEACON_ENABL
E
RW
Beacon enable. This bit controls the mechanism for waking up the physical PCI Express link
when in L2.
0 = WAKE mechanism is used exclusively. Beacon is not used (default)
1 = Beacon and WAKE mechanisms are used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com