Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 102 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 98Page - Texas Instruments XIO2001IPNP Datasheet HTML 99Page - Texas Instruments XIO2001IPNP Datasheet HTML 100Page - Texas Instruments XIO2001IPNP Datasheet HTML 101Page - Texas Instruments XIO2001IPNP Datasheet HTML 102Page - Texas Instruments XIO2001IPNP Datasheet HTML 103Page - Texas Instruments XIO2001IPNP Datasheet HTML 104Page - Texas Instruments XIO2001IPNP Datasheet HTML 105Page - Texas Instruments XIO2001IPNP Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 141 page
background image
102
XIO2001
SCPS212I – MAY 2009 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
8.6 Memory-Mapped TI Proprietary Register Space
The programming model of the memory-mapped TI proprietary register space is unique to this device.
All bits marked with a
☆ are sticky bits and are reset by a global reset (GRST) or the internally-generated power-
on reset. All bits marked with a (1) are reset by a PCI Express reset (PERST), a GRST or the internally-generated
power-on reset. The remaining register bits are reset by a PCI Express hot reset, PERST, GRST, or the
internally-generated power-on reset.
Table 74. Device Control Memory Window Register Map
REGISTER NAME
OFFSET
Reserved
Revision ID
Device control map ID
000h
Reserved
004h–03Ch
GPIO data(1)
GPIO control (1)
040h
Serial-bus control and status(1)
Serial-bus slave address(1)
Serial-bus word address(1)
Serial-bus data(1)
044h
Serial IRQ edge control(1)
Reserved
Serial IRQ mode
control(1)
048h
Reserved
Serial IRQ status(1)
04Ch
Cache Timer Transfer Limit(1)
PFA Request Limit(1)
050h
Cache Timer Upper Limit(1)
Cache Timer Lower Limit(1)
054h
Reserved
058h–FFFh
8.6.1 Device Control Map ID Register
The device control map ID register identifies the TI proprietary layout for this device control map. The value 04h
identifies this as a PCI Express-to-PCI bridge.
Device control memory window register offset:
00h
Register type:
Read-only
Default value:
04h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
1
0
0
8.6.2 Revision ID Register
The revision ID register identifies the revision of the TI proprietary layout for this device control map. The value
00h identifies the revision as the initial layout.
Device control memory window register offset:
01h
Register type:
Read-only
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com