Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 109 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 109 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 105Page - Texas Instruments XIO2001IPNP Datasheet HTML 106Page - Texas Instruments XIO2001IPNP Datasheet HTML 107Page - Texas Instruments XIO2001IPNP Datasheet HTML 108Page - Texas Instruments XIO2001IPNP Datasheet HTML 109Page - Texas Instruments XIO2001IPNP Datasheet HTML 110Page - Texas Instruments XIO2001IPNP Datasheet HTML 111Page - Texas Instruments XIO2001IPNP Datasheet HTML 112Page - Texas Instruments XIO2001IPNP Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 141 page
background image
109
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
8.6.11 Serial IRQ Status Register
This register indicates when a level mode IRQ is signaled on the serial IRQ stream. After a level mode IRQ is
signaled, a write-back of 1b to the asserted IRQ status bit re-arms the interrupt. IRQ interrupts that are defined
as edge mode in the serial IRQ edge control register are not reported in this status register. This register is an
alias for the serial IRQ status register in the classic PCI configuration space (offset E4h, see Serial IRQ Status
Register). See Table 58 for a complete description of the register contents.
Device control memory window register offset:
4Ch
Register type:
Read/Clear
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
Table 81. Serial IRQ Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15(1)
IRQ15
RCU
IRQ 15 asserted. This bit indicates that the IRQ15 has been asserted.
0 = Deasserted
1 = Asserted
14(1)
IRQ14
RCU
IRQ 14 asserted. This bit indicates that the IRQ14 has been asserted.
0 = Deasserted
1 = Asserted
13(1)
IRQ13
RCU
IRQ 13 asserted. This bit indicates that the IRQ13 has been asserted.
0 = Deasserted
1 = Asserted
12(1)
IRQ12
RCU
IRQ 12 asserted. This bit indicates that the IRQ12 has been asserted.
0 = Deasserted
1 = Asserted
11(1)
IRQ11
RCU
IRQ 11 asserted. This bit indicates that the IRQ11 has been asserted.
0 = Deasserted
1 = Asserted
10(1)
IRQ10
RCU
IRQ 10 asserted. This bit indicates that the IRQ10 has been asserted.
0 = Deasserted
1 = Asserted
9(1)
IRQ9
RCU
IRQ 9 asserted. This bit indicates that the IRQ9 has been asserted.
0 = Deasserted
1 = Asserted
8(1)
IRQ8
RCU
IRQ 8 asserted. This bit indicates that the IRQ8 has been asserted.
0 = Deasserted
1 = Asserted
7(1)
IRQ7
RCU
IRQ 7 asserted. This bit indicates that the IRQ7 has been asserted.
0 = Deasserted
1 = Asserted
6(1)
IRQ6
RCU
IRQ 6 asserted. This bit indicates that the IRQ6 has been asserted.
0 = Deasserted
1 = Asserted
5(1)
IRQ5
RCU
IRQ 5 asserted. This bit indicates that the IRQ5 has been asserted.
0 = Deasserted
1 = Asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com